Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RML-500 Datasheet(PDF) 52 Page - Omron Electronics LLC

Part # E5CN-RML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RML-500 Datasheet(HTML) 52 Page - Omron Electronics LLC

Back Button E5CN-RML-500 Datasheet HTML 48Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 49Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 50Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 51Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 52Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 53Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 54Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 55Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 56Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 72 page
background image
E5AN-H/E5EN-H
52
Electrical Life Expectancy Curve for
Relays (Reference Values)
SSR Outputs (OUT1/OUT2) Ratings
• Rated load voltage: 75 to 250 VAC
• Rated load current: 1 A (resistive load)
Note: 1. The load current must be within the derating curve.
2. There is no zero-cross function.
Derating Curve for SSR Outputs (Reference Values)
Condition A: SSR outputs 100% ON
Condition B: SSR outputs 50% ON with 2-s control cycle
500
300
100
50
30
10
5
3
1
0
1
2345
6
E5AN-H/E5EN-H
250 VAC, 30 VDC
(resistive load)
cos
φ = 1
Switching current (A)
1.5
1.25
1
0.75
0.5
0.25
0
−10
0
10
20
30
40
50 55
45
60
Ambient temperature (
°C)
Condition A
Condition B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com