Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC64F Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LC64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64F Datasheet(HTML) 3 Page - Microchip Technology

  24LC64F Datasheet HTML 1Page - Microchip Technology 24LC64F Datasheet HTML 2Page - Microchip Technology 24LC64F Datasheet HTML 3Page - Microchip Technology 24LC64F Datasheet HTML 4Page - Microchip Technology 24LC64F Datasheet HTML 5Page - Microchip Technology 24LC64F Datasheet HTML 6Page - Microchip Technology 24LC64F Datasheet HTML 7Page - Microchip Technology 24LC64F Datasheet HTML 8Page - Microchip Technology 24LC64F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
 2009-2012 Microchip Technology Inc.
DS22154B-page 3
24AA64F/24LC64F/24FC64F
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Electrical Characteristics:
Industrial (I):
VCC = +1.7V to 5.5V
TA = -40°C to +85°C
Automotive (E):
VCC = +2.5V to 5.5V
TA = -40°C to 125°C
Param.
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
1FCLK
Clock frequency
—
—
—
—
100
400
400
1000
kHz
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V 24FC64F
2.5V
 VCC  5.5V 24FC64F
2THIGH
Clock high time
4000
600
600
500
—
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V 24FC64F
2.5V
 VCC  5.5V 24FC64F
3TLOW
Clock low time
4700
1300
1300
500
—
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V 24FC64F
2.5V
 VCC  5.5V 24FC64F
4TR
SDA and SCL rise time
(Note 1)
—
—
—
1000
300
300
ns
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  5.5V 24FC64F
5TF
SDA and SCL fall time
(Note 1)
—
—
300
100
ns
All except, 24FC64F
1.7V
 VCC  5.5V 24FC64F
6THD:STA Start condition hold time
4000
600
600
250
—
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V 24FC64F
2.5V
 VCC  5.5V 24FC64F
7TSU:STA
Start condition setup time
4700
600
600
250
—
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  2.5V 24FC64F
2.5V
 VCC  5.5V 24FC64F
8THD:DAT Data input hold time
0
—
ns
(Note 2)
9TSU:DAT
Data input setup time
250
100
100
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  5.5V 24FC64F
10
TSU:STO Stop condition setup time
4000
600
600
250
—
—
—
—
ns
1.7 V
 VCC  2.5V
2.5 V
 VCC  5.5V
1.7V
 VCC  2.5V 24FC64F
2.5 V
 VCC  5.5V 24FC64F
11
TSU:WP
WP setup time
4000
600
600
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  5.5V 24FC64F
12
THD:WP
WP hold time
4700
1300
1300
—
—
—
ns
1.7V
 VCC  2.5V
2.5V
 VCC  5.5V
1.7V
 VCC  5.5V 24FC64F
Note 1: Not 100% tested. CB = total capacitance of one bus line in pF.
2: As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region
(minimum 300 ns) of the falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3: The combined TSP and VHYS specifications are due to new Schmitt Trigger inputs, which provide improved
noise spike suppression. This eliminates the need for a TI specification for standard operation.
4: This parameter is not tested but ensured by characterization. For endurance estimates in a specific
application, please consult the Total Endurance™ Model, which can be obtained from Microchip’s web site
at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com