Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC64F Datasheet(PDF) 8 Page - Microchip Technology

Part # 24LC64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64F Datasheet(HTML) 8 Page - Microchip Technology

Back Button 24LC64F Datasheet HTML 4Page - Microchip Technology 24LC64F Datasheet HTML 5Page - Microchip Technology 24LC64F Datasheet HTML 6Page - Microchip Technology 24LC64F Datasheet HTML 7Page - Microchip Technology 24LC64F Datasheet HTML 8Page - Microchip Technology 24LC64F Datasheet HTML 9Page - Microchip Technology 24LC64F Datasheet HTML 10Page - Microchip Technology 24LC64F Datasheet HTML 11Page - Microchip Technology 24LC64F Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 36 page
background image
24AA64F/24LC64F/24FC64F
DS22154B-page 8
 2009-2012 Microchip Technology Inc.
6.0
WRITE OPERATIONS
6.1
Byte Write
Following the Start condition from the master, the
control code (four bits), the Chip Select (three bits) and
the R/W bit (which is a logic low) are clocked onto the
bus by the master transmitter. This indicates to the
addressed slave receiver that the address high byte will
follow once it has generated an Acknowledge bit during
the ninth clock cycle. Therefore, the next byte transmit-
ted by the master is the high-order byte of the word
address and will be written into the Address Pointer of
the 24XX64F. The next byte is the Least Significant
Address Byte. After receiving another Acknowledge
signal from the 24XX64F, the master device will trans-
mit the data word to be written into the addressed mem-
ory location. The 24XX64F acknowledges again and
the master generates a Stop condition. This initiates
the internal write cycle and, during this time, the
24XX64F will not generate Acknowledge signals
(Figure 6-1). If an attempt is made to write to the array
with the WP pin held high, the device will acknowledge
the command, but no write cycle will occur, no data will
be written and the device will immediately accept a new
command. After a byte Write command, the internal
address counter will point to the address location fol-
lowing the one that was just written.
6.2
Page Write
The write control byte, word address and the first data
byte are transmitted to the 24XX64F in the same way
as in a byte write. However, instead of generating a
Stop condition, the master transmits up to 31 additional
bytes which are temporarily stored in the on-chip page
buffer and will be written into memory once the master
has transmitted a Stop condition. Upon receipt of each
word, the five lower Address Pointer bits are internally
incremented by one. If the master should transmit more
than 32 bytes prior to generating the Stop condition, the
address counter will roll over and the previously
received data will be overwritten. As with the byte write
operation, once the Stop condition is received, an inter-
nal write cycle will begin (Figure 6-2). If an attempt is
made to write to the array with the WP pin held high, the
device will acknowledge the command, but no write
cycle will occur, no data will be written, and the device
will immediately accept a new command.
6.3
Write Protection
The WP pin allows the user to write-protect 1/4 of the
array (1800h-1FFFh) when the pin is tied to VCC. If tied
to VSS the write protection is disabled. The WP pin is
sampled at the Stop bit for every Write command
(Figure 4-1). Toggling the WP pin after the Stop bit will
have no effect on the execution of the write cycle.
Note:
Page write operations are limited to writ-
ing bytes within a single physical page,
regardless of the number of bytes
actually being written. Physical page
boundaries start at addresses that are
integer multiples of the page buffer size
(or ‘page size’) and end at addresses that
are integer multiples of [page size – 1]. If
a Page Write command attempts to write
across a physical page boundary, the
result is that the data wraps around to the
beginning of the current page (overwriting
data previously stored there), instead of
being written to the next page, as might be
expected. It is therefore necessary for the
application software to prevent page write
operations that would attempt to cross a
page boundary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com