Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC64F Datasheet(PDF) 1 Page - Microchip Technology

Part # 24LC64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64F Datasheet(HTML) 1 Page - Microchip Technology

  24LC64F Datasheet HTML 1Page - Microchip Technology 24LC64F Datasheet HTML 2Page - Microchip Technology 24LC64F Datasheet HTML 3Page - Microchip Technology 24LC64F Datasheet HTML 4Page - Microchip Technology 24LC64F Datasheet HTML 5Page - Microchip Technology 24LC64F Datasheet HTML 6Page - Microchip Technology 24LC64F Datasheet HTML 7Page - Microchip Technology 24LC64F Datasheet HTML 8Page - Microchip Technology 24LC64F Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
 2009-2012 Microchip Technology Inc.
DS22154B-page 1
24AA64F/24LC64F/24FC64F
Device Selection Table
Features:
• Single-Supply with Operation down to 1.7V for
24AA64F/24FC64F Devices, 2.5V for 24LC64F
Devices
• Low-Power CMOS Technology:
- Read current 400
A, max.
- Standby current 1
A, max. (I-temp)
• 2-Wire Serial Interface, I2C™ Compatible
• Packages with Three Address Pins are
Cascadable up to Eight Devices
• Schmitt Trigger Inputs for Noise Suppression
• Output Slope Control to Eliminate Ground Bounce
• 100 kHz and 400 kHz Clock Compatibility
• 1 MHz Clock for FC Versions
• Page Write Time 5 ms, typical
• Self-timed Erase/Write Cycle
• 32-Byte Page Write Buffer
• Hardware Write-Protect for 1/4 Array
(1800h-1FFFh)
• ESD Protection > 4,000V
• More than One Million Erase/Write Cycles
• Data Retention > 200 Years
• Factory Programming Available
• Packages include 8-Lead PDIP, SOIC, TSSOP,
MSOP, TDFN, 5-Lead SOT-23
• Pb-Free and RoHS Compliant
• Temperature Ranges:
- Industrial (I): -40°C to +85°C
- Automotive (E): -40°C to +125°C
Description:
The Microchip Technology Inc. 24AA64F/24LC64F/
24FC64F (24XX64F*) is a 64 Kbit Electrically Erasable
PROM. The device is organized as a single block of
8K x 8-bit memory with a 2-wire serial interface. Low-
voltage design permits operation down to 1.7V, with
standby and read currents of only 1
A and 400 A,
respectively. It has been developed for advanced, low-
power applications such as personal communications
or data acquisition. The 24XX64F also has a page
write capability for up to 32 bytes of data. Functional
address lines allow up to eight devices on the same
bus, for up to 512 Kbits address space. The 24XX64F
is available in the standard 8-pin PDIP, surface mount
SOIC, TSSOP, TDFN and MSOP packages. The
24XX64F is also available in the 5-lead SOT-23
package.
Block Diagram
Package Types
Part
Number
VCC
Range
Max. Clock
Frequency
Temp.
Ranges
24AA64F
1.7-5.5
400 kHz(1)
I
24LC64F
2.5-5.5
400 kHz
I, E
24FC64F
1.7-5.5
1 MHz(2)
I
Note 1:
100 kHz for VCC <2.5V.
2:
400 kHz for VCC <2.5V.
HV
EEPROM
Array
Page
YDEC
XDEC
Sense Amp.
Memory
Control
Logic
I/O
Control
Logic
I/O
WP
SDA
SCL
VCC
VSS
R/W Control
Latches
Generator
A2
A1
A0
A0
A1
A2
VSS
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
PDIP/MSOP/SOIC/TSSOP
TDFN
A0
A1
A2
VSS
WP
SCL
SDA
VCC
8
7
6
5
1
2
3
4
SOT-23
1
2
34
5
WP
VCC
SCL
VSS
SDA
64K I2C™ Serial EEPROM with Quarter-Array Write-Protect
*24XX64F is used in this document as a generic part number for the 24AA64F/24LC64F/24FC64F devices.


Similar Part No. - 24LC64F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24LC64F MICROCHIP-24LC64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24LC64F MICROCHIP-24LC64F Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24LC64F-E/MNY.OT MICROCHIP-24LC64F-E/MNY.OT Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24LC64F-E/MS MICROCHIP-24LC64F-E/MS Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24LC64F-E/P MICROCHIP-24LC64F-E/P Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
More results

Similar Description - 24LC64F

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
24AA014H MICROCHIP-24AA014H Datasheet
478Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA01H MICROCHIP-24AA01H Datasheet
533Kb / 30P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA02H MICROCHIP-24AA02H Datasheet
534Kb / 30P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL024H MICROCHIP-24VL024H Datasheet
466Kb / 28P
2K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24VL014H MICROCHIP-24VL014H Datasheet
466Kb / 28P
1K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA16H MICROCHIP-24AA16H Datasheet
490Kb / 28P
16K I2C??Serial EEPROM with Half-Array Write-Protect
2008
24AA64F MICROCHIP-24AA64F Datasheet
492Kb / 30P
64K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA32AF MICROCHIP-24AA32AF Datasheet
501Kb / 30P
32K I2C??Serial EEPROM with Quarter-Array Write-Protect
2009
24AA64FT-I MICROCHIP-24AA64FT-I Datasheet
492Kb / 30P
64K I2C Serial EEPROM with Quarter-Array Write-Protect
03/26/09
24AA08H MICROCHIP-24AA08H_13 Datasheet
899Kb / 32P
8K I2C??Serial EEPROM with Half-Array Write-Protect
10/28/13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com