Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LC64F Datasheet(PDF) 19 Page - Microchip Technology

Part # 24LC64F
Description  64K I2C Serial EEPROM with Quarter-Array Write-Protect
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LC64F Datasheet(HTML) 19 Page - Microchip Technology

Back Button 24LC64F Datasheet HTML 15Page - Microchip Technology 24LC64F Datasheet HTML 16Page - Microchip Technology 24LC64F Datasheet HTML 17Page - Microchip Technology 24LC64F Datasheet HTML 18Page - Microchip Technology 24LC64F Datasheet HTML 19Page - Microchip Technology 24LC64F Datasheet HTML 20Page - Microchip Technology 24LC64F Datasheet HTML 21Page - Microchip Technology 24LC64F Datasheet HTML 22Page - Microchip Technology 24LC64F Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
 2009-2012 Microchip Technology Inc.
DS22154B-page 19
24AA64F/24LC64F/24FC64F
/HDG3ODVWLF 6PDOO 2XWOLQH 7UDQVLVWRU 27 >627@
1RWHV
 'LPHQVLRQV ' DQG ( GR QRW LQFOXGH PROG IODVK RU SURWUXVLRQV 0ROG IODVK RU SURWUXVLRQV VKDOO QRW H[FHHG  PP SHU VLGH
 'LPHQVLRQLQJ DQG WROHUDQFLQJ SHU $60( <0
%6& %DVLF 'LPHQVLRQ 7KHRUHWLFDOO\ H[DFW YDOXH VKRZQ ZLWKRXW WROHUDQFHV
1RWH
)RU WKH PRVW FXUUHQW SDFNDJH GUDZLQJV SOHDVHVHH WKH 0LFURFKLS 3DFNDJLQJ 6SHFLILFDWLRQ ORFDWHG DW
KWWSZZZPLFURFKLSFRPSDFNDJLQJ
8QLWV
0,//,0(7(56
'LPHQVLRQ /LPLWV
0,1
120
0$;
1XPEHU RI 3LQV
1

/HDG 3LWFK
H
 %6&
2XWVLGH /HDG 3LWFK
H
 %6&
2YHUDOO +HLJKW
$

±

0ROGHG 3DFNDJH 7KLFNQHVV
$

±

6WDQGRII
$

±

2YHUDOO :LGWK
(

±

0ROGHG 3DFNDJH :LGWK
(

±

2YHUDOO /HQJWK
'

±

)RRW /HQJWK
/

±

)RRWSULQW
/

±

)RRW $QJOH
I
ƒ
±
ƒ
/HDG 7KLFNQHVV
F

±

/HDG :LGWK
E

±

φ
N
b
E
E1
D
1
2
3
e
e1
A
A1
A2
c
L
L1
0LFURFKLS 7HFKQRORJ\ 'UDZLQJ &%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com