Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16321 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP16321
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16321 Datasheet(HTML) 5 Page - Microchip Technology

  MCP16321 Datasheet HTML 1Page - Microchip Technology MCP16321 Datasheet HTML 2Page - Microchip Technology MCP16321 Datasheet HTML 3Page - Microchip Technology MCP16321 Datasheet HTML 4Page - Microchip Technology MCP16321 Datasheet HTML 5Page - Microchip Technology MCP16321 Datasheet HTML 6Page - Microchip Technology MCP16321 Datasheet HTML 7Page - Microchip Technology MCP16321 Datasheet HTML 8Page - Microchip Technology MCP16321 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 5
MCP16321/2
TABLE 1-1:
TEMPERATURE CHARACTERISTICS
Electrical Characteristics
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Operating Junction Temperature
Range
TJ
-40
—
125
°C
Steady State
Storage Temperature Range
TA
-65
—
150
°C
Maximum Junction Temperature
TJ
—
—
150
°C
Transient
Package Thermal Resistances
Thermal Resistance, 16L 3x3-QFN
θJA
—38.5
—
°C/W
Note 1
Note 1:
Measured using a 4-layer FR4 Printed Circuit Board with a 13.5 in2, 1 oz internal copper ground plane.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com