Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16321 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP16321
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16321 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP16321 Datasheet HTML 12Page - Microchip Technology MCP16321 Datasheet HTML 13Page - Microchip Technology MCP16321 Datasheet HTML 14Page - Microchip Technology MCP16321 Datasheet HTML 15Page - Microchip Technology MCP16321 Datasheet HTML 16Page - Microchip Technology MCP16321 Datasheet HTML 17Page - Microchip Technology MCP16321 Datasheet HTML 18Page - Microchip Technology MCP16321 Datasheet HTML 19Page - Microchip Technology MCP16321 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
MCP16321/2
DS22285A-page 16
© 2011 Microchip Technology Inc.
4.1.9
OVERTEMPERATURE
PROTECTION
Overtemperature protection limits the silicon die
temperature to +170°C by turning the converter off. The
normal switching resumes at +160°C.
FIGURE 4-1:
MCP16321/2 Block Diagram.
Amp
-
+
COMP
-
+
LS
Drive
HS
Drive
Gate Drive
Control
BOOST
Voltage
PGND
Monitor and
Control
EN
PG
OV
Protection
UV
Protection
Current
Limit
OTEMP
Protection
VREF and
Softstart
+
+
Slope
Comp
1 MHz
Oscillator
VOUT
Compensation
COMP
-
+
VREF
SW
CBOOST
L
COUT
4.2V
RTOP
RBOT
VIN
PFM
Comparator
FB
CIN
CS
VOUT
BOOST
PWM
Comparator
SGND
VOUT
Internal Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com