Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16321 Datasheet(PDF) 20 Page - Microchip Technology

Part # MCP16321
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16321 Datasheet(HTML) 20 Page - Microchip Technology

Back Button MCP16321 Datasheet HTML 16Page - Microchip Technology MCP16321 Datasheet HTML 17Page - Microchip Technology MCP16321 Datasheet HTML 18Page - Microchip Technology MCP16321 Datasheet HTML 19Page - Microchip Technology MCP16321 Datasheet HTML 20Page - Microchip Technology MCP16321 Datasheet HTML 21Page - Microchip Technology MCP16321 Datasheet HTML 22Page - Microchip Technology MCP16321 Datasheet HTML 23Page - Microchip Technology MCP16321 Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 34 page
background image
MCP16321/2
DS22285A-page 20
© 2011 Microchip Technology Inc.
5.0.6
INDUCTOR SELECTION
The MCP16321/2 is designed to be used with small
surface mount inductors. Several specifications should
be considered prior to selecting an inductor. To
optimize system performance, low ESR inductors
should be used.
EQUATION 5-3:
INDUCTOR CURRENT
RIPPLE
EXAMPLE 5-3:
MCP16321 PEAK
INDUCTOR CURRENT – 1A
An inductor saturation rating minimum of 1.255A is
recommended. A trade-off between size, cost and
efficiency is made to achieve the desired results.
EXAMPLE 5-4:
MCP16322 PEAK
INDUCTOR CURRENT – 2A
An inductor saturation rating minimum of 2.255A is
recommended. A trade-off between size, cost and
efficiency is made to achieve the desired results.
COUT
33 µF
None
VIN =12V
VOUT =3.3V
IOUT =1A
L= 4.7 µH
Inductor ripple current = 509 mA
Inductor peak current = 1.255A
VIN =12V
VOUT =3.3V
IOUT =2A
L= 4.7 µH
Inductor ripple current = 509 mA
Inductor peak current = 2.255A
TABLE 5-1:
CAPACITOR VALUE RANGE
Parameter
Min
Max
ΔI
L
V
L
L
------t
ON
×
=
I
LPK
ΔI
L
2
---------
I
OUT
+
=
I
LPK
ΔI
L
2
---------
I
OUT
+
=
TABLE 5-2:
MCP16321 RECOMMENDED
INDUCTORS
Part
Number
Value
(µH)
DCR
(
Ω)
ISAT
(A)
Size
WxLxH
(mm)
Coilcraft®
1008PS
4.7
0.35
1.7
3.81x3.78x2.74
LPS4012
4.7
0.175
1.8
4.1x4.1x1.2
LPS4018
4.7
0.125
1.9
4.1x4.1x1.8
LPS5015
4.7
0.15
1.8
5x5x1.5
MSS5121
4.7
0.095
1.66
5.1x5.1x2.2
LPS5030
4.7
0.083
2
5x5x3
MSS6122
4.7
0.065
1.82
6.1x6.1x2.2
MOS6020
4.7
0.05
1.94
6.8x6x2.4
Wurth Elektronik®
744042
4.7
0.07
1.65
4.8x4.8x1.8
744068
4.7
0.072
1.55
8x8x1.1
7448944
4.7
0.0545
4.2
8x8x3.8
EPCOS®
LTF5022T
4.7
0.073
2
5.2x5x2.2
VLC5020T
4.7
0.097
2
5x5x2
VLC6020T
4.7
0.079
1.8
6x6x2
VLCF5020T
4.7
0.122
1.7
5x5x2
VLF5014ST
4.7
0.12
1.7
4.8x4.6x1.4
TABLE 5-3:
MCP16322 RECOMMENDED
INDUCTORS
Part Number
Value
(µH)
DCR
(
Ω)
ISAT
(A)
Size
WxLxH
(mm)
Coilcraft®
MSS6132-472
4.7
0.056
2.84
6.1x6.1x3.2
LPS6225-472
4.7
0.065
3.2
6.2x6.2x2.5
MSS7341-502
4.7
0.024
3.16
7.3x7.3x4.1
DO1813H-472
4.7
0.054
2.6
8.89x6.1x5.0
Wurth Elektronik®
7447785004
4.7
0.06
2.5
5.9x6.2x3.3
7447786004
4.7
0.057
2.8
5.9x6.2x5.1
7447789004
4.7
0.033
3.9
7.3x3.2x1.5
EPCOS®
B82464G2
4.7
0.033
3.1
10.4x10.4x3.0
B82464A2
4.7
0.03
4.5
10.4x10.4x3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com