Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP16321 Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP16321
Description  24V Input, 1A/2A Output, High Efficiency Synchronous Buck Regulator with Power Good Indication
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP16321 Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP16321 Datasheet HTML 5Page - Microchip Technology MCP16321 Datasheet HTML 6Page - Microchip Technology MCP16321 Datasheet HTML 7Page - Microchip Technology MCP16321 Datasheet HTML 8Page - Microchip Technology MCP16321 Datasheet HTML 9Page - Microchip Technology MCP16321 Datasheet HTML 10Page - Microchip Technology MCP16321 Datasheet HTML 11Page - Microchip Technology MCP16321 Datasheet HTML 12Page - Microchip Technology MCP16321 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
© 2011 Microchip Technology Inc.
DS22285A-page 9
MCP16321/2
Note:
Unless otherwise indicated, VIN = 12V, EN = Floating (Internally pulled up), CIN =20 µF, COUT =2x22 µF,
L = 4.7 µH (XAL6060-472MEB), ILOAD =200 mA, TA =+25°C. MCP16321 maximum output current = 1A.
FIGURE 2-13:
5V VOUT vs VIN.
FIGURE 2-14:
3.3V VOUT vs VIN.
FIGURE 2-15:
2.5V VOUT vs VIN.
FIGURE 2-16:
1.8V VOUT vs VIN.
FIGURE 2-17:
1.5V VOUT vs VIN.
FIGURE 2-18:
0.9V VOUT vs VIN.
4.985
4.99
4.995
5
5.005
5.01
5.015
5.02
6
8
10
12
14
16
18
20
22
24
V
IN (V)
I
OUT = 1A
I
OUT = 2A
V
OUT = 5V
3.294
3.296
3.298
3.3
3.302
3.304
3.306
3.308
3.31
6
8
10
12
14
16
18
20
22
24
V
IN (V)
I
OUT = 1A
I
OUT = 2A
V
OUT = 3.3V
2.496
2.497
2.498
2.499
2.5
2.501
2.502
2.503
2.504
2.505
2.506
6
8
10
12
14
16
18
20
22
24
V
IN (V)
I
OUT = 1A
I
OUT = 2A
V
OUT = 2.5V
1.798
1.799
1.8
1.801
1.802
1.803
1.804
6
8
10
12
14
16
18
V
IN (V)
I
OUT = 2A
I
OUT = 1A
V
OUT = 1.8V
1.4985
1.499
1.4995
1.5
1.5005
1.501
1.5015
1.502
1.5025
1.503
6
8
10
12
14
16
V
OUT (V)
I
OUT = 2A
I
OUT = 1A
V
OUT = 1.5V
0.8994
0.8996
0.8998
0.9
0.9002
0.9004
0.9006
0.9008
0.901
0.9012
6789
10
V
IN (V)
I
OUT = 2A
I
OUT = 1A
V
OUT = 0.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com