Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT01GHZ Datasheet(PDF) 4 Page - Analog Devices

Part # MAT01GHZ
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01GHZ Datasheet(HTML) 4 Page - Analog Devices

  MAT01GHZ Datasheet HTML 1Page - Analog Devices MAT01GHZ Datasheet HTML 2Page - Analog Devices MAT01GHZ Datasheet HTML 3Page - Analog Devices MAT01GHZ Datasheet HTML 4Page - Analog Devices MAT01GHZ Datasheet HTML 5Page - Analog Devices MAT01GHZ Datasheet HTML 6Page - Analog Devices MAT01GHZ Datasheet HTML 7Page - Analog Devices MAT01GHZ Datasheet HTML 8Page - Analog Devices MAT01GHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
MAT01
Data Sheet
Rev. C | Page 4 of 12
VCB = 15 V, IC = 10 µA, −55°C ≤ TA ≤ +125°C, unless otherwise noted.
Table 2.
Parameter
Symbol
Test Conditions/Comments
MAT01AH
MAT01GH
Unit
Min
Typ
Max
Min
Typ
Min
OFFSET VOLTAGE/CURRENT
Offset Voltage
VOS
0.06
0.15
0.14
0.70
mV
Average Offset Voltage Drift1
TCVOS
0.15
0.50
0.35
1.8
µV/°C
Offset Current
IOS
0.9
8.0
1.5
15.0
nA
Average Offset Current Drift2
TCIOS
10
90
15
150
pA/°C
BIAS CURRENT
ΙΒ
28
60
36
130
nA
CURRENT GAIN
hFE
167
400
77
300
LEAKAGE CURRENT
Collector to Base Leakage Current
ICBO
TA = 125°C, VCB = 30 V, IE = 03
15
80
25
200
nA
Collector to Emitter Leakage Current
ICES
TA = 125°C, VCE = 30 V, VBE = 01, 3
50
300
90
400
nA
Collector to Collector Leakage Current
ICC
TA = 125°C, VCC = 30 V1
30
200
50
400
nA
1
Guaranteed by VOS test
(
)
for
BE
V
OS
V
T
OS
V
OS
TCV
<<
≅
, T = 298 K for TA = 25°C.
2
Guaranteed by IOS test limits over temperature.
3
The collector to base (ICBO) and collector to emitter (ICES) leakage currents can be reduced by a factor of 2 to 10 times by connecting the substrate (package) to a
potential that is lower than either collector voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com