Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT01GHZ Datasheet(PDF) 11 Page - Analog Devices

Part # MAT01GHZ
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01GHZ Datasheet(HTML) 11 Page - Analog Devices

Back Button MAT01GHZ Datasheet HTML 4Page - Analog Devices MAT01GHZ Datasheet HTML 5Page - Analog Devices MAT01GHZ Datasheet HTML 6Page - Analog Devices MAT01GHZ Datasheet HTML 7Page - Analog Devices MAT01GHZ Datasheet HTML 8Page - Analog Devices MAT01GHZ Datasheet HTML 9Page - Analog Devices MAT01GHZ Datasheet HTML 10Page - Analog Devices MAT01GHZ Datasheet HTML 11Page - Analog Devices MAT01GHZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
Data Sheet
MAT01
Rev. C | Page 11 of 12
OUTLINE DIMENSIONS
Figure 16. 6-Pin Metal Header Package [TO-78]
(H-06)
Dimensions shown in inches and (millimeters)
ORDERING GUIDE
Model1
VOS Maximum (TA = 25°C)
Temperature Range
Package Description
Package Option
MAT01AH
0.1 mV
−55°C to +125°C
6-Pin Metal Header Package [TO-78]
H-06
MAT01AHZ
0.1 mV
−55°C to +125°C
6-Pin Metal Header Package [TO-78]
H-06
MAT01GH
0.5 mV
−55°C to +125°C
6-Pin Metal Header Package [TO-78]
H-06
MAT01GHZ
0.5 mV
−55°C to +125°C
6-Pin Metal Header Package [TO-78]
H-06
1
Z = RoHS Compliant Part.
CONTROLLING DIMENSIONS ARE IN INCHES; MILLIMETER DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF INCH EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
0.250 (6.35) MIN
0.750 (19.05)
0.500 (12.70)
0.185 (4.70)
0.165 (4.19)
REFERENCE PLANE
0.050 (1.27) MAX
0.019 (0.48)
0.016 (0.41)
0.021 (0.53)
0.016 (0.41)
0.045 (1.14)
0.010 (0.25)
0.040 (1.02) MAX
BASE & SEATING PLANE
0.034 (0.86)
0.027 (0.69)
0.160 (4.06)
0.110 (2.79)
0.100 (2.54) BSC
5
2
6
4
3
1
0.200
(5.08)
BSC
0.100
(2.54)
BSC
45°
BSC
0.045 (1.14)
0.027 (0.69)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com