Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT01GHZ Datasheet(PDF) 7 Page - Analog Devices

Part # MAT01GHZ
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01GHZ Datasheet(HTML) 7 Page - Analog Devices

Back Button MAT01GHZ Datasheet HTML 3Page - Analog Devices MAT01GHZ Datasheet HTML 4Page - Analog Devices MAT01GHZ Datasheet HTML 5Page - Analog Devices MAT01GHZ Datasheet HTML 6Page - Analog Devices MAT01GHZ Datasheet HTML 7Page - Analog Devices MAT01GHZ Datasheet HTML 8Page - Analog Devices MAT01GHZ Datasheet HTML 9Page - Analog Devices MAT01GHZ Datasheet HTML 10Page - Analog Devices MAT01GHZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
MAT01
Rev. C | Page 7 of 12
Figure 8. Collector Current vs. Base to Emitter Voltage
Figure 9. Saturation Voltage vs. Collector Current
Figure 10. Unity-Gain Bandwidth vs. Collector Current
10mA
1µA
10nA
100pA
10µA
100µA
1mA
100nA
1nA
10pA
100
300
500
700
600
0
200
400
800
BASE TO EMITTER VOLTAGE (mV)
Δ < 0.3mV
Δ < 0.1mV
Δ ≈ DEVIATION FROM
STRAIGHT LINE
Δ < 0.3mV
MAT01
TA = 25°C
100
10
1
0.1
0.01
0.01
1
100
0.1
10
COLLECTOR CURRENT (mA)
TA = +25°C
TA = +125°C
TA = –55°C
IC = 10 × IB
MAT01
1000
100
200
500
10
20
50
1
2
5
1µA
100µA
10mA
10µA
1mA
100mA
COLLECTOR CURRENT (IC)
TA = 25°C
VCE = 10V
MAT01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com