Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAT01GHZ Datasheet(PDF) 1 Page - Analog Devices

Part # MAT01GHZ
Description  Matched Monolithic Dual Transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

MAT01GHZ Datasheet(HTML) 1 Page - Analog Devices

  MAT01GHZ Datasheet HTML 1Page - Analog Devices MAT01GHZ Datasheet HTML 2Page - Analog Devices MAT01GHZ Datasheet HTML 3Page - Analog Devices MAT01GHZ Datasheet HTML 4Page - Analog Devices MAT01GHZ Datasheet HTML 5Page - Analog Devices MAT01GHZ Datasheet HTML 6Page - Analog Devices MAT01GHZ Datasheet HTML 7Page - Analog Devices MAT01GHZ Datasheet HTML 8Page - Analog Devices MAT01GHZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Matched Monolithic
Dual Transistor
Data Sheet
MAT01
Rev. C
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©1973–2013 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Low VOS (VBE match): 40 µV typical, 100 µV maximum
Low TCVOS: 0.5 µV/°C maximum
High hFE: 500 minimum
Excellent hFE linearity from 10 nA to 10 mA
Low noise voltage: 0.23 µV p-p from 0.1 Hz to 10 Hz
High breakdown: 45 V min
APPLICATIONS
Weigh scales
Low noise, op amp, front end
Current mirror and current sink/source
Low noise instrumentation amplifiers
Voltage controlled attenuators
Log amplifiers
PIN CONNECTION DIAGRAM
Figure 1.
GENERAL DESCRIPTION
The MAT01 is a monolithic dual NPN transistor. An exclusive
silicon nitride triple passivation process provides excellent
stability of critical parameters over both temperature and time.
Matching characteristics include offset voltage of 40 µV,
temperature drift of 0.15 µV/°C, and hFE matching of 0.7%.
High hFE is provided over a six decade range of collector
current, including an exceptional hFE of 590 at a collector
current of only 10 nA. The high gain at low collector current
makes the MAT01 ideal for use in low power, low level input
stages.
C1
MAT01
TOP VIEW
(Not to Scale)
E1
B1
NOTES
1. SUBSTRATE IS CONNECTED TO CASE.
C2
E2
B2
1
3
6
4
2
5


Similar Part No. - MAT01GHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT01GHZ AD-MAT01GHZ Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
More results

Similar Description - MAT01GHZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
MAT-04 AD-MAT-04 Datasheet
492Kb / 12P
Matched Monolithic Quad Transistor
MAT01 AD-MAT01 Datasheet
119Kb / 8P
Matched Monolithic Dual Transistor
REV.A
MAT02 AD-MAT02 Datasheet
264Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV.C
MAT04 AD-MAT04 Datasheet
860Kb / 12P
Matched Monolithic Quad Transistor
MAT12 AD-MAT12 Datasheet
104Kb / 4P
Low Noise, Matched Dual Monolithic Transistor
Rev. PrA
MAT14 AD-MAT14 Datasheet
190Kb / 12P
Matched Monolithic Quad Transistor
REV. A
MAT01 AD-MAT01_15 Datasheet
235Kb / 12P
Matched Monolithic Dual Transistor
Rev. D
MAT02 AD-MAT02_15 Datasheet
775Kb / 12P
Low Noise, Matched Dual Monolithic Transistor
REV. E
MAT04 AD-MAT04_15 Datasheet
854Kb / 12P
Matched Monolithic Quad Transistor
REV. D
MAT02 AD-MAT02_17 Datasheet
274Kb / 6P
Low-noise, matched dual monolithic transistor
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com