Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 3 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 3 Page - Analog Devices

  AD9954/PCBZ Datasheet HTML 1Page - Analog Devices AD9954/PCBZ Datasheet HTML 2Page - Analog Devices AD9954/PCBZ Datasheet HTML 3Page - Analog Devices AD9954/PCBZ Datasheet HTML 4Page - Analog Devices AD9954/PCBZ Datasheet HTML 5Page - Analog Devices AD9954/PCBZ Datasheet HTML 6Page - Analog Devices AD9954/PCBZ Datasheet HTML 7Page - Analog Devices AD9954/PCBZ Datasheet HTML 8Page - Analog Devices AD9954/PCBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
AD9952
Rev. B | Page 3 of 28
ELECTRICAL SPECIFICATIONS
AVDD, DVDD = 1.8 V ± 5%, DVDD_I/O = 3.3 V ± 5%, DAC_RSET = 3.92 kΩ, external reference clock frequency = 400 MHz with
REFCLK multiplier disabled, unless otherwise noted. DAC output must be referenced to AVDD, not AGND.
Table 1.
Parameter
Temp
Min
Typ
Max
Unit
REF CLOCK INPUT CHARACTERISTICS
Frequency Range
REFCLK Multiplier Disabled
Full
1
400
MHz
REFCLK Multiplier Enabled @ 4×
Full
20
100
MHz
REFCLK Multiplier Enabled @ 20×
Full
4
20
MHz
Input Capacitance
25°C
3
pF
Input Impedance
25°C
1.5
kΩ
Duty Cycle
25°C
50
%
Duty Cycle with REFCLK Multiplier Enabled
25°C
35
65
%
REFCLK Input Power1
Full
–15
0
+3
dBm
DAC OUTPUT CHARACTERISTICS
Resolution
14
Bits
Full-Scale Output Current
25°C
5
10
15
mA
Gain Error
25°C
–10
+10
%FS
Output Offset
25°C
0.6
µA
Differential Nonlinearity
25°C
1
LSB
Integral Nonlinearity
25°C
2
LSB
Output Capacitance
25°C
5
pF
Residual Phase Noise @ 1 kHz Offset, 40 MHz A
OUT
REFCLK Multiplier Enabled @ 20×
25°C
–105
dBc/Hz
REFCLK Multiplier Enabled @ 4×
25°C
–115
dBc/Hz
REFCLK Multiplier Disabled
25°C
–132
dBc/Hz
Voltage Compliance Range
25°C
AVDD −
0.5
AVDD + 0.5
V
Wideband Spurious-Free Dynamic Range (SFDR)
1 MHz to 10 MHz Analog Out
25°C
73
dBc
10 MHz to 40 MHz Analog Out
25°C
67
dBc
40 MHz to 80 MHz Analog Out
25°C
62
dBc
80 MHz to 120 MHz Analog Out
25°C
58
dBc
120 MHz to 160 MHz Analog Out
25°C
52
dBc
Narrow-Band SFDR
40 MHz Analog Out (±1 MHz)
25°C
87
dBc
40 MHz Analog Out (±250 kHz)
25°C
89
dBc
40 MHz Analog Out (±50 kHz)
25°C
91
dBc
40 MHz Analog Out (±10 kHz)
25°C
93
dBc
80 MHz Analog Out (±1 MHz)
25°C
85
dBc
80 MHz Analog Out (±250 kHz)
25°C
87
dBc
80 MHz Analog Out (±50 kHz)
25°C
89
dBc
80 MHz Analog Out (±10 kHz)
25°C
91
dBc
120 MHz Analog Out (±1 MHz)
25°C
83
dBc
120 MHz Analog Out (±250 kHz)
25°C
85
dBc
120 MHz Analog Out (±50 kHz)
25°C
87
dBc
120 MHz Analog Out (±10 kHz)
25°C
89
dBc
160 MHz Analog Out (±1 MHz)
25°C
81
dBc
160 MHz Analog Out (±250 kHz)
25°C
83
dBc
160 MHz Analog Out (±50 kHz)
25°C
85
dBc
160 MHz Analog Out (±10 kHz)
25°C
87
dBc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com