Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 25 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 20Page - Analog Devices AD9954/PCBZ Datasheet HTML 21Page - Analog Devices AD9954/PCBZ Datasheet HTML 22Page - Analog Devices AD9954/PCBZ Datasheet HTML 23Page - Analog Devices AD9954/PCBZ Datasheet HTML 24Page - Analog Devices AD9954/PCBZ Datasheet HTML 25Page - Analog Devices AD9954/PCBZ Datasheet HTML 26Page - Analog Devices AD9954/PCBZ Datasheet HTML 27Page - Analog Devices AD9954/PCBZ Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
AD9952
Rev. B | Page 25 of 28
LAYOUT CONSIDERATIONS
For the best performance, the following layout guidelines
should be observed. Always provide the analog power supply
(AVDD) and the digital power supply (DVDD) on separate
supplies, even if just from two different voltage regulators
driven by a common supply. Likewise, the ground connections
(AGND, DGND) should be kept separate as far back to the
source as possible (for example, separate the ground planes on a
localized board, even if the grounds connect to a common point
in the system). Bypass capacitors should be placed as close to
the supply pin as possible. Usually, a multitiered bypassing
scheme consisting of a small high frequency capacitor (100 pF)
placed close to the supply pin and progressively larger capacitors
(0.1 µF, 10 µF) placed further away from the actual supply source
works best.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com