Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 10Page - Analog Devices AD9954/PCBZ Datasheet HTML 11Page - Analog Devices AD9954/PCBZ Datasheet HTML 12Page - Analog Devices AD9954/PCBZ Datasheet HTML 13Page - Analog Devices AD9954/PCBZ Datasheet HTML 14Page - Analog Devices AD9954/PCBZ Datasheet HTML 15Page - Analog Devices AD9954/PCBZ Datasheet HTML 16Page - Analog Devices AD9954/PCBZ Datasheet HTML 17Page - Analog Devices AD9954/PCBZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
AD9952
Rev. B | Page 14 of 28
Table 4. Clock Input Modes of Operation
CFR1 [4]
CLKMODESELECT
CFR2 [7:3]
Oscillator Enabled
System Clock
Frequency Range (MHz)
Low
High
3 < M < 21
Yes
FCLK = F
OSC × M
80 < FCLK < 400
Low
High
M < 4 or M > 20
Yes
FCLK = F
OSC
20 < FCLK < 30
Low
Low
3 < M < 21
No
FCLK = F
OSC × M
80 < FCLK < 400
Low
Low
M < 4 or M > 20
No
FCLK = F
OSC
10 < FCLK < 400
High
X
X
No
FCLK = 0
N/A
DAC Output
The AD9952 incorporates an integrated 14-bit current output
DAC. Unlike most DACs, this output is referenced to AVDD,
not AGND.
Two complementary outputs provide a combined full-scale
output current (IOUT). Differential outputs reduce the amount of
common-mode noise that might be present at the DAC output,
offering the advantage of an increased signal-to-noise ratio. The
full-scale current is controlled by an external resistor (RSET)
connected between the DAC_RSET pin and the DAC ground
(AGND_DAC). The full-scale current is proportional to the
resistor value as follows:
OUT
SET
I
R
/
19
.
39
=
The maximum full-scale output current of the combined DAC
outputs is 15 mA, but limiting the output to 10 mA provides the
best spurious-free dynamic range (SFDR) performance. The DAC
output compliance range is AVDD + 0.5 V to AVDD – 0.5 V.
Voltages developed beyond this range cause excessive DAC
distortion and could potentially damage the DAC output
circuitry. Proper attention should be paid to the load termination
to keep the output voltage within this compliance range.
Comparator
Many applications require a square wave signal rather than a
sine wave. For example, in most clocking applications a high
slew rate helps to reduce phase noise and jitter. To support these
applications, the AD9952 includes an on-chip comparator. The
comparator has a bandwidth greater than 200 MHz and a
common-mode input range of 1.3 V to 1.8 V. By setting the
comparator power-down bit, CFR1 [6], the comparator can be
turned off to save on power consumption.
Serial I/O Port
The AD9952 serial port is a flexible, synchronous serial
communications port that allows easy interface to many
industry-standard microcontrollers and microprocessors. The
serial I/O port is compatible with most synchronous transfer
formats, including both the Motorola 6905/11 SPI® and Intel®
8051 SSR protocols.
The interface allows read/write access to all registers that configure
the AD9952. MSB first or LSB first transfer formats are supported.
The AD9952 serial interface port can be configured as a single pin
I/O (SDIO) that allows a 2-wire interface or two unidirectional pins
for in/out (SDIO/SDO), which in turn enable a 3-wire interface.
Two optional pins, IOSYNC and CS
Register Map and Descriptions
, enable greater flexibility for
system design in the AD9952. Please see the Serial Port Operation
section for details on how to program the AD9952 through the
serial I/O port.
The register map is listed in Table 5.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com