Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9954/PCBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9954/PCBZ
Description  400 MSPS 14-Bit, 1.8 V CMOS Direct Digital Synthesizer
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9954/PCBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9954/PCBZ Datasheet HTML 6Page - Analog Devices AD9954/PCBZ Datasheet HTML 7Page - Analog Devices AD9954/PCBZ Datasheet HTML 8Page - Analog Devices AD9954/PCBZ Datasheet HTML 9Page - Analog Devices AD9954/PCBZ Datasheet HTML 10Page - Analog Devices AD9954/PCBZ Datasheet HTML 11Page - Analog Devices AD9954/PCBZ Datasheet HTML 12Page - Analog Devices AD9954/PCBZ Datasheet HTML 13Page - Analog Devices AD9954/PCBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
AD9952
Rev. B | Page 10 of 28
CENTER 1.105MHz
#RES BW 30Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VBW 30Hz
SPAN 2MHz
SWEEP 199.2 s (401 PTS)
W1 S2
S3 FC
AA
ST
REF –4dBm
PEAK
LOG
10dB/
ATTEN 10dB
MKR1 1.105MHz
–5.679dBm
1
MARKER
1.105000MHz
–5.679dBm
Figure 9. FOUT = 1.1 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
CENTER 10MHz
#RES BW 30Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VBW 30Hz
SPAN 2MHz
SWEEP 199.2 s (401 PTS)
W1 S2
S3 FC
AA
REF 0dBm
PEAK
LOG
10dB/
ATTEN 10dB
MKR1 85kHz
–93.01dB
1
1R
MARKER
40.000000MHz
–56.2dB
Figure 10. FOUT = 10 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
CENTER 39.9MHz
#RES BW 30Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VBW 30Hz
SPAN 2MHz
SWEEP 199.2 s (401 PTS)
W1 S2
S3 FC
AA
REF 0dBm
PEAK
LOG
10dB/
ATTEN 10dB
MKR1 39.905MHz
–5.347dBm
1
MARKER
39.905000MHz
–5.347dBm
Figure 11. FOUT = 39.9 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
CENTER 80.25MHz
#RES BW 30Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VBW 30Hz
SPAN 2MHz
SWEEP 199.2 s (401 PTS)
W1 S2
S3 FC
AA
ST
REF –4dBm
PEAK
LOG
10dB/
ATTEN 10dB
MKR1 80.301MHz
–6.318dBm
1
MARKER
80.301000MHz
–6.318dBm
Figure 12. FOUT = 80.3 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
CENTER 120.2MHz
#RES BW 30Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VBW 30Hz
SPAN 2MHz
SWEEP 199.2 s (401 PTS)
W1 S2
S3 FC
AA
ST
REF –4dBm
PEAK
LOG
10dB/
ATTEN 10dB
MKR1 120.205MHz
–6.825dBm
1
MARKER
120.205000MHz
–6.825dBm
Figure 13. FOUT = 120.2 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz
CENTER 160.5MHz
#RES BW 30Hz
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
VBW 30Hz
SPAN 2MHz
SWEEP 199.2 s (401 PTS)
W1 S2
S3 FC
AA
ST
REF –4dBm
PEAK
LOG
10dB/
ATTEN 10dB
MKR1 600kHz
–0.911dB
1
CENTER
160.5000000MHz
Figure 14. FOUT = 160 MHz, FCLK = 400 MSPS, NBSFDR, ±1 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com