Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206Q Datasheet(PDF) 7 Page - STMicroelectronics

Part # L6206Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206Q Datasheet(HTML) 7 Page - STMicroelectronics

Back Button L6206Q Datasheet HTML 3Page - STMicroelectronics L6206Q Datasheet HTML 4Page - STMicroelectronics L6206Q Datasheet HTML 5Page - STMicroelectronics L6206Q Datasheet HTML 6Page - STMicroelectronics L6206Q Datasheet HTML 7Page - STMicroelectronics L6206Q Datasheet HTML 8Page - STMicroelectronics L6206Q Datasheet HTML 9Page - STMicroelectronics L6206Q Datasheet HTML 10Page - STMicroelectronics L6206Q Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
DocID022028 Rev 3
7/27
L6206Q
Electrical characteristics
27
Figure 3. Switching characteristic definition
tD(off)IN Input pin to out, turn OFF delay time
ILOAD = 2.5 A, resistive load
600
ns
tFALL
Output fall time(2)
ILOAD = 2.5 A, resistive load
40
250
ns
tDT
Deadtime protection
0.5
1
µs
fCP
Charge pump frequency
-25 °C < Tj < 125 °C
0.6
1
MHz
Overcurrent detection
Is over
Input supply overcurrent detection
threshold
-25 °C < Tj < 125 °C; RCL = 39 k
-25 °C < Tj < 125 °C; RCL = 5 k
-25 °C < Tj <125 °C; RCL = GND
0.57
4.42
5.6
A
A
A
ROPDR Open-drain ON resistance
I = 4 mA
40
60
tOCD(ON) OCD turn-on delay time(3)
I = 4 mA; CEN < 100 pF
200
ns
tOCD(OFF) OCD turn-off delay time(3)
I = 4 mA; CEN < 100 pF
100
ns
1. Tested at 25 °C in a restricted range and guaranteed by characterization.
2. See Figure 3.
3. See Figure 4.
Table 4. Electrical characteristics (continued)
Symbol
Parameter
Test condition
Min.
Typ. Max. Unit
AM02557v1
Vth(ON)
Vth(OFF)
90%
10%
EN
IOUT
t
t
tFALL
tD(OFF)EN
tRISE
tD(ON)EN
D01IN1316



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com