Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206Q Datasheet(PDF) 26 Page - STMicroelectronics

Part # L6206Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206Q Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L6206Q Datasheet HTML 19Page - STMicroelectronics L6206Q Datasheet HTML 20Page - STMicroelectronics L6206Q Datasheet HTML 21Page - STMicroelectronics L6206Q Datasheet HTML 22Page - STMicroelectronics L6206Q Datasheet HTML 23Page - STMicroelectronics L6206Q Datasheet HTML 24Page - STMicroelectronics L6206Q Datasheet HTML 25Page - STMicroelectronics L6206Q Datasheet HTML 26Page - STMicroelectronics L6206Q Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
Order codes
L6206Q
26/27
DocID022028 Rev 3
11
Order codes
12
Revision history
Table 10. Ordering information
Order codes
Package
Packaging
L6206Q
VFQFPN48 7 x 7 x 1.0 mm
Tray
L6206QTR
Tape and reel
Table 11. Document revision history
Date
Revision
Changes
15-Nov-2011
1
First release
10-Jun-2013
2
Unified package name to “VFQFPN48” in the whole document.
Corrected headings in Table 1 and Table 2 (replaced “Parameter” by
“Test condition”).
Updated Table 4 (Added subscripts to “If” and “ROPDR”).
Added titles to Equation 1 and Equation 2 and cross-references in
Section 4.3: Non-dissipative overcurrent detection and protection.
Corrected unit in Table 7 (row C1).
Updated Figure 13 (added subscripts to “tDELAY” and “CEN”).
Added Table 8: Thermal data in Section 8: Thermal management.
Updated Section 10: Package information (modified titles, reversed
order of Figure 26 and Table 9).
Minor corrections throughout document.
01-Aug-2013
3
Updated Figure 1 on page 1.
Corrected note 1. below Table 8 on page 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com