Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206Q Datasheet(PDF) 15 Page - STMicroelectronics

Part # L6206Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206Q Datasheet(HTML) 15 Page - STMicroelectronics

Back Button L6206Q Datasheet HTML 11Page - STMicroelectronics L6206Q Datasheet HTML 12Page - STMicroelectronics L6206Q Datasheet HTML 13Page - STMicroelectronics L6206Q Datasheet HTML 14Page - STMicroelectronics L6206Q Datasheet HTML 15Page - STMicroelectronics L6206Q Datasheet HTML 16Page - STMicroelectronics L6206Q Datasheet HTML 17Page - STMicroelectronics L6206Q Datasheet HTML 18Page - STMicroelectronics L6206Q Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
DocID022028 Rev 3
15/27
L6206Q
Application information
27
5
Application information
A typical application using the L6206Q device is shown in Figure 14. Typical component
values for the application are shown in Table 7. A high quality ceramic capacitor in the range
of 100 to 200 nF should be placed between the power pins (VSA and VSB) and ground near
the L6206Q to improve the high frequency filtering on the power supply and reduce high
frequency transients generated by the switching. The capacitors connected from the
ENA/OCDA and ENB/OCDB nodes to ground set the shutdown time for bridge A and bridge
B respectively when an overcurrent is detected (see Section 4.3: Non-dissipative
overcurrent detection and protection). The two current sources (SENSEA and SENSEB)
should be connected to power ground with a trace length as short as possible in the layout.
To increase noise immunity, unused logic pins are best connected to 5 V (high logic level) or
GND (low logic level) (see Table 3.).
It is recommended to keep power ground and signal ground separated on the PCB.
Table 7. Component values for typical application
Component
Value
C1
100
F
C2
100 nF
CBOOT
220 nF
CP
10 nF
CENA
5.6 nF
CENB
5.6 nF
CREF
68 nF
D1
1N4148
D2
1N4148
RCLA
5 k
RCLB
5 k
RENA
100 k
RENB
100 k
RP
100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com