Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6206Q Datasheet(PDF) 18 Page - STMicroelectronics

Part # L6206Q
Description  DMOS dual full bridge driver
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6206Q Datasheet(HTML) 18 Page - STMicroelectronics

Back Button L6206Q Datasheet HTML 14Page - STMicroelectronics L6206Q Datasheet HTML 15Page - STMicroelectronics L6206Q Datasheet HTML 16Page - STMicroelectronics L6206Q Datasheet HTML 17Page - STMicroelectronics L6206Q Datasheet HTML 18Page - STMicroelectronics L6206Q Datasheet HTML 19Page - STMicroelectronics L6206Q Datasheet HTML 20Page - STMicroelectronics L6206Q Datasheet HTML 21Page - STMicroelectronics L6206Q Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
Paralleled operation
L6206Q
18/27
DocID022028 Rev 3
Figure 15. Parallel connection for higher current
To operate the device in parallel and maintain a lower overcurrent threshold, half bridge 1
and the half bridge 2 of bridge A can be connected in parallel and the same is done for
bridge B, as shown in Figure 16. In this configuration, the peak current for each half bridge
is still limited by the bond wires for the supply and sense pins so the dissipation in the device
is reduced, but the peak current rating is not increased.
When connected in this configuration the overcurrent detection circuit, senses the sum of
the current in upper devices connected in parallel. With the enable pins connected in
parallel, an overcurrent turns off both bridges.
Since the circuit senses the total current in the upper devices, the overcurrent threshold is
equal to the threshold set by the resistor RCLA or RCLB in Figure 16. RCLA sets the threshold
when outputs OUT1A and OUT2A are high and resistor RCLB sets the threshold when
outputs OUT1B and OUT2B are high.
It is recommended to use RCLA = RCLB.
In this configuration, the resulting bridge has the following characteristics.
Equivalent device: full bridge
RDS(ON) 0.15  typ. value at Tj = 25 °C
2.5 A max. RMS load current
5.6 A max. OCD threshold



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com