Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21062LABZ-160 Datasheet(PDF) 32 Page - Analog Devices

Part # ADSP-21062LABZ-160
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062LABZ-160 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADSP-21062LABZ-160 Datasheet HTML 28Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 29Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 30Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 31Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 32Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 33Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 34Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 35Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
Rev. F
|
Page 32 of 64
|
March 2008
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Asynchronous Read/Write—Host to ADSP-2106x
Use these specifications for asynchronous host processor
accesses of an ADSP-2106x, after the host has asserted CS and
HBR (low). After HBG is returned by the ADSP-2106x, the host
can drive the RD and WR pins to access the ADSP-2106x’s
internal memory or IOP registers. HBR and HBG are assumed
low for this timing. Not required if and address are valid tHBGRCSV
after goes low. For first access after asserted, ADDR31–0 must
be a non-MMS value 1/2 tCLK before or goes low or by tHBGRCSV
after goes low. This is easily accomplished by driving an upper
address signal high when is asserted. See the “Host Processor
Control of the ADSP-2106x” section in the ADSP-2106x
SHARC User’s Manual, Revision 2.1.
Table 19. Read Cycle
5 V and 3.3 V
Unit
Parameter
Min
Max
Timing Requirements
tSADRDL
Address Setup/CS Low Before RD Low1
0ns
tHADRDH
Address Hold/CS Hold Low After RD
0ns
tWRWH
RD/WR High Width
6
ns
tDRDHRDY
RD High Delay After REDY (O/D) Disable
0
ns
tDRDHRDY
RD High Delay After REDY (A/D) Disable
0
ns
Switching Characteristics
tSDATRDY
Data Valid Before REDY Disable from Low
2
ns
tDRDYRDL
REDY (O/D) or (A/D) Low Delay After RD Low2
10
ns
tRDYPRD
REDY (O/D) or (A/D) Low Pulse Width for Read
45 + 21DT/16
ns
tHDARWH
Data Disable After RD High3
28
ns
1 Not required if RD and address are valid t
HBGRCSV after HBG goes low. For first access after HBR asserted, ADDR31-0 must be a non-MMS value 1/2 tCLK before RD or WR goes
low or by tHBGRCSV after HBG goes low. This is easily accomplished by driving an upper address signal high when HBG is asserted. See the “Host Processor Control of the
ADSP-2106x” section in the ADSP-2106x SHARC User’s Manual, Revision 2.1.
2 For ADSP-21060L, specification is 10.5 ns max; for ADSP-21060LC, specification is 12.5 ns max.
3 For ADSP-21060L/ADSP-21060LC, specification is 2 ns min, 8.5 ns max.
Table 20. Write Cycle
5 V and 3.3 V
Unit
Parameter
Min
Max
Timing Requirements
tSCSWRL
CS Low Setup Before WR Low
0
ns
tHCSWRH
CS Low Hold After WR High
0
ns
tSADWRH
Address Setup Before WR High
5
ns
tHADWRH
Address Hold After WR High
2
ns
tWWRL
WR Low Width
7
ns
tWRWH
RD/WR High Width
6
ns
tDWRHRDY
WR High Delay After REDY (O/D) or (A/D) Disable
0
ns
tSDATWH
Data Setup Before WR High
5
ns
tHDATWH
Data Hold After WR High
1
ns
Switching Characteristics
tDRDYWRL
REDY (O/D) or (A/D) Low Delay After WR/CS Low
10
ns
tRDYPWR
REDY (O/D) or (A/D) Low Pulse Width for Write
15 + 7DT/16
ns
tSRDYCK
REDY (O/D) or (A/D) Disable to CLKIN
1 + 7DT/16
8 + 7DT/16
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com