Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21062LABZ-160 Datasheet(PDF) 47 Page - Analog Devices

Part # ADSP-21062LABZ-160
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062LABZ-160 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADSP-21062LABZ-160 Datasheet HTML 43Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 44Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 45Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 46Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 47Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 48Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 49Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 50Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. F
|
Page 47 of 64
|
March 2008
TEST CONDITIONS
For the ac signal specifications (timing parameters), see Timing
Specifications on Page 21. These specifications include output
disable time, output enable time, and capacitive loading. The
timing specifications for the DSP apply for the voltage reference
levels in Figure 28.
Output Disable Time
Output pins are considered to be disabled when they stop driv-
ing, go into a high impedance state, and start to decay from their
output high or low voltage. The time for the voltage on the bus
to decay by
'V is dependent on the capacitive load, C
L, and the
load current, IL. This decay time can be approximated by the fol-
lowing equation:
The output disable time tDIS is the difference between
tMEASURED and tDECAY as shown in Figure 29. The time tMEASURED is
the interval from when the reference signal switches to when the
output voltage decays
'V from the measured output high or
output low voltage. tDECAY is calculated with test loads CL and IL,
and with
'V equal to 0.5 V.
Output Enable Time
Output pins are considered to be enabled when they have made
a transition from a high impedance state to when they start driv-
ing. The output enable time tENA is the interval from when a
reference signal reaches a high or low voltage level to when the
output has reached a specified high or low trip point, as shown
in the Output Enable/Disable diagram (Figure 29). If multiple
pins (such as the data bus) are enabled, the measurement value
is that of the first pin to start driving.
Example System Hold Time Calculation
To determine the data output hold time in a particular system,
first calculate tDECAY using the equation given above. Choose
'V
to be the difference between the ADSP-2106x’s output voltage
and the input threshold for the device requiring the hold time. A
typical
'V will be 0.4 V. C
L is the total bus capacitance (per data
line), and IL is the total leakage or three-state current (per data
line). The hold time will be tDECAY plus the minimum disable
time (i.e., tDATRWH for the write cycle).
Capacitive Loading
Output delays and holds are based on standard capacitive loads:
50 pF on all pins (see Figure 30). The delay and hold specifica-
tions given should be derated by a factor of 1.5 ns/50 pF for
loads other than the nominal value of 50 pF. Figure 32,
Figure 33, Figure 37, and Figure 38 show how output rise time
varies with capacitance. Figure 34 and Figure 36 show
graphically how output delays and holds vary with load capaci-
tance. (Note that this graph or derating does not apply to output
disable delays; see the previous section Output Disable Time
under Test Conditions.) The graphs of Figure 32, Figure 33,
Figure 37, and Figure 38 may not be linear outside the ranges
shown.
Output Drive Characteristics
Figure 31 shows typical I-V characteristics for the output driv-
ers of the ADSP-2106x. The curves represent the current drive
capability of the output drivers as a function of output voltage.
Figure 28. Voltage Reference Levels for AC Measurements (Except Output
Enable/Disable)
Figure 29. Output Enable/Disable
INPUT
OR
OUTPUT
1.5V
1.5V
PEXT
CL V
'
IL
--------------
=
REFERENCE
SIGNAL
tDIS
OUTPUT STARTS
DRIVING
VOH (MEASURED) - V
VOL (MEASURED) + V
tMEASURED
VOH (MEASURED)
VOL (MEASURED)
2.0V
1.0V
VOH (MEASURED)
VOL (MEASURED)
HIGH IMPEDANCE STATE.
TEST CONDITIONS CAUSE
THIS VOLTAGE TO BE
APPROXIMATELY 1.5V
OUTPUT STOPS
DRIVING
tENA
tDECAY
Figure 30. Equivalent Device Loading for AC Measurements (Includes All
Fixtures)
+1.5V
50pF
TO
OUTPUT
PIN
IOL
IOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com