Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21062LABZ-160 Datasheet(PDF) 59 Page - Analog Devices

Part # ADSP-21062LABZ-160
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062LABZ-160 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADSP-21062LABZ-160 Datasheet HTML 55Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 56Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 57Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 58Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 59Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 60Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 61Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 62Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. F
|
Page 59 of 64
|
March 2008
Figure 44. 240-Lead Ceramic Quad Flat Package, Heat Slug Down [CQFP]
(QS-240-1A)
Dimensions shown in millimeters
32.00 BSC SQ
1
60
61
120
121
180
240
LID
SEAL RING
TOP VIEW
(PINS DOWN)
181
36.60
36.13 SQ
35.65
28.05
27.80 SQ
27.55
0.50 BSC
3.70
3.22
2.75
0.90
0.75
0.60
0.23
0.20
0.17
7°
-3°
19.00
REF SQ
180
181
1
240
120
121
60
61
BOTTOM VIEW
(PINS UP)
HEAT SLUG
NOTES:
1. LEAD FINISH = GOLD PLATE
2. LEAD SWEEP/LEAD OFFSET = 0.013mm MAX
(Sweep and/or Offset can be used as the controlling dimension).
1.70
0.35
0.30
0.25
0.15
0.180
0.155
0.130
2.06 REF
LEAD THICKNESS
0.15
PIN 1
INDICATOR
4.20
3.52
2.85
0.50
0.30
0.10
VIEW A
VIEW A
0.175
0.156
0.137



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com