Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADSP-21062LABZ-160 Datasheet(PDF) 49 Page - Analog Devices

Part # ADSP-21062LABZ-160
Description  SHARC Processor
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21062LABZ-160 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADSP-21062LABZ-160 Datasheet HTML 45Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 46Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 47Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 48Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 49Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 50Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 51Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 52Page - Analog Devices ADSP-21062LABZ-160 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 64 page
background image
ADSP-21060/ADSP-21060L/ADSP-21062/ADSP-21062L/ADSP-21060C/ADSP-21060LC
Rev. F
|
Page 49 of 64
|
March 2008
Output Characteristics (3.3 V)
Figure 35. ADSP-21062 Typical Output Drive Currents (VDD = 3.3 V)
Figure 36. Typical Output Delay or Hold vs. Load Capacitance (at Maximum
Case Temperature) (VDD = 3.3 V)
0.5
1.0
1.5
2.0
2.5
3.0
100
0
-
40
-
60
60
20
80
40
-
100
-
120
3.0V, +85°C
3.3V, +25°C
3.6V, -40°C
3.6V, -40°C
3.3V, +25°C
3.0V, +85°C
VOH
VOL
LOAD CAPACITANCE - pF
5
-
1
25
200
50
75
100
125
150
175
4
3
2
1
NOMINAL
Y= 0.0329x
- 1.65
Figure 37. Typical Output Rise Time (10% to 90% VDD) vs. Load Capacitance
(VDD = 3.3 V)
Figure 38. Typical Output Rise Time (0.8 V to 2.0 V) vs. Load Capacitance
(VDD = 3.3 V)
LOAD CAPACITANCE - pF
0
2
0
20
40
60
80
100
120
Y = 0.0796x + 1.17
Y = 0.0467x + 0.55
RISE TIME
FALL TIME
140
160
180
200
4
6
8
10
12
14
16
18
LOAD CAPACITANCE - pF
0
0
20
40
60
80
100
120
Y = 0.0391x + 0.36
Y = 0.0305x + 0.24
RISE TIME
FALL TIME
140
160
180
200
1
2
3
4
5
6
7
8
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com