Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS001WP Datasheet(PDF) 7 Page - STMicroelectronics

Part # LPS001WP
Description  MEMS pressure sensor 300-1100 mbar absolute digital output barometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS001WP Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LPS001WP Datasheet HTML 3Page - STMicroelectronics LPS001WP Datasheet HTML 4Page - STMicroelectronics LPS001WP Datasheet HTML 5Page - STMicroelectronics LPS001WP Datasheet HTML 6Page - STMicroelectronics LPS001WP Datasheet HTML 7Page - STMicroelectronics LPS001WP Datasheet HTML 8Page - STMicroelectronics LPS001WP Datasheet HTML 9Page - STMicroelectronics LPS001WP Datasheet HTML 10Page - STMicroelectronics LPS001WP Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
LPS001WP
Block diagram and pin description
Doc ID 18171 Rev 1
7/30
Table 2.
Pin description
Pin n°
Pin name
Function
1
Vdd
Power supply
2PS
Protocol selection
I2C/SPI mode selection (logic 1: I2C mode; logic 0: SPI enabled)
3
GND
0 V supply
4
HV
Connect to VDD (logical ‘1’)
5
CS
SPI enable (chip select)
6SA0/SDO
I2C less significant bit of device slave address (SA0)
SPI serial data output
7
SDA/
SDI/
SDO
I2C serial data (SDA)
SPI serial data input (SDI)
3-wire interface serial data output (SDO)
8
SCL/SPC
I2C serial clock (SCL)
SPI serial port clock (SPC)
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com