Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS001WP Datasheet(PDF) 24 Page - STMicroelectronics

Part # LPS001WP
Description  MEMS pressure sensor 300-1100 mbar absolute digital output barometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS001WP Datasheet(HTML) 24 Page - STMicroelectronics

Back Button LPS001WP Datasheet HTML 20Page - STMicroelectronics LPS001WP Datasheet HTML 21Page - STMicroelectronics LPS001WP Datasheet HTML 22Page - STMicroelectronics LPS001WP Datasheet HTML 23Page - STMicroelectronics LPS001WP Datasheet HTML 24Page - STMicroelectronics LPS001WP Datasheet HTML 25Page - STMicroelectronics LPS001WP Datasheet HTML 26Page - STMicroelectronics LPS001WP Datasheet HTML 27Page - STMicroelectronics LPS001WP Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
Register description
LPS001WP
24/30
Doc ID 18171 Rev 1
Temperature data are expressed as 2s complement numbers.
In big endian mode (BLE bit in CTRL_REG1 set to ‘1’) the content of this register is the LSB
temperature data.
8.9
DELTA_P_L (2Ch)
DELTA_P registers store a delta pressure representing the difference between a constant
reference value, REF_P registers, and the actual pressure measured, PRESS_OUT
registers.
In big endian mode (BLE bit in CTRL_REG1 set to ‘1’) the content of this register is the MSB
delta pressure data.
8.10
DELTA_P_H (2Dh)
In big endian mode (BLE bit in CTRL_REG1 set to ‘1’) the content of this register is the LSB
delta pressure data.
8.11
REF_P_L (30h)
Table 28.
TEMP_OUT_H (2Bh) register description
TOUT8 -
TOUT15
Temperature data MSB (when BLE bit in CTRL_REG1 register is set to ‘0’)
Table 29.
DELTA_P_L (2Ch) register
DP7
DP6
DP5
DP4
DP3
DP2
DP1
DP0
Table 30.
DELTA_P_L (2Ch) register description
DP7 - DP0
Delta pressure data LSB (when BLE bit in CTRL_REG1 register is set to ‘0’)
Table 31.
DELTA_P_H (2Dh) register
DP15
DP14
DP13
DP12
DP11
DP10
DP9
DP8
Table 32.
DELTA_P_H (2Dh) register description
DP15 - DP8 Delta pressure data MSB (when BLE bit in CTRL_REG1 register is set to ‘0’).
Table 33.
REF_P_L (30h) register
REFL7
REFL6
REFL5
REFL4
REFL3
REFL2
REFL1
REFL0
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com