Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS001WP Datasheet(PDF) 18 Page - STMicroelectronics

Part # LPS001WP
Description  MEMS pressure sensor 300-1100 mbar absolute digital output barometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS001WP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button LPS001WP Datasheet HTML 14Page - STMicroelectronics LPS001WP Datasheet HTML 15Page - STMicroelectronics LPS001WP Datasheet HTML 16Page - STMicroelectronics LPS001WP Datasheet HTML 17Page - STMicroelectronics LPS001WP Datasheet HTML 18Page - STMicroelectronics LPS001WP Datasheet HTML 19Page - STMicroelectronics LPS001WP Datasheet HTML 20Page - STMicroelectronics LPS001WP Datasheet HTML 21Page - STMicroelectronics LPS001WP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 30 page
background image
Digital interfaces
LPS001WP
18/30
Doc ID 18171 Rev 1
The SPI write command is performed with 16 clock pulses. The multiple byte write
command is performed adding blocks of 8 clock pulses at the previous one.
bit 0: WRITE bit. The value is 0.
bit 1: MS bit. When 0, do not increment the address, when 1, increment the address in
multiple writings.
bit 2 -7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written inside the device (MSb
first).
bit 16-... : data DI(...-8). Further data in multiple byte writings.
Figure 8.
Multiple bytes SPI write protocol (2 bytes example)
6.2.3
SPI read in 3-wires mode
3-wires mode is entered by setting to 1 bit SIM (SPI serial interface mode selection) in the
internal control register.
Figure 9.
SPI read protocol in 3-wires mode
The SPI read command is performed with 16 clock pulses:
bit 0: READ bit. The value is 1.
bit 1: MS bit. When 0, do not increment the address, when 1, increment the address in
multiple readings.
bit 2-7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
Multiple read command is also available in 3-wires mode.
CS
SPC
SDI
RW
AD5 AD4 AD3 AD 2 AD 1AD0
DI7DI 6 DI5D I4 DI3 DI2 DI1 DI0 D I15DI 14 DI13D I1 2DI11 DI10DI9 DI8
MS
CS
SPC
SDI
RW
AD5 AD4 AD3 AD 2 AD 1AD0
DI7DI 6 DI5D I4 DI3 DI2 DI1 DI0 D I15DI 14 DI13D I1 2DI11 DI10DI9 DI8
MS
CS
SPC
SDI/O
RW
DO7DO6 D O5 DO4 DO3DO2 DO1 DO0
AD5 AD 4 AD 3 AD2 AD1
AD 0
MS
CS
SPC
SDI/O
RW
DO7DO6 D O5 DO4 DO3DO2 DO1 DO0
AD5 AD 4 AD 3 AD2 AD1
AD 0
MS
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com