Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPS001WP Datasheet(PDF) 16 Page - STMicroelectronics

Part # LPS001WP
Description  MEMS pressure sensor 300-1100 mbar absolute digital output barometer
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LPS001WP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button LPS001WP Datasheet HTML 12Page - STMicroelectronics LPS001WP Datasheet HTML 13Page - STMicroelectronics LPS001WP Datasheet HTML 14Page - STMicroelectronics LPS001WP Datasheet HTML 15Page - STMicroelectronics LPS001WP Datasheet HTML 16Page - STMicroelectronics LPS001WP Datasheet HTML 17Page - STMicroelectronics LPS001WP Datasheet HTML 18Page - STMicroelectronics LPS001WP Datasheet HTML 19Page - STMicroelectronics LPS001WP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
Digital interfaces
LPS001WP
16/30
Doc ID 18171 Rev 1
Figure 4.
Read and write protocol
CS is the serial port enable and it is controlled by the SPI master. It goes low at the start of
the transmission and returns to high at the end. SPC is the serial port clock and it is
controlled by the SPI master. It is stopped high when CS is high (no transmission). SDI and
SDO are respectively the serial port data input and output. Those lines are driven at the
falling edge of SPC and should be captured at the rising edge of SPC.
Both the read register and write register commands are completed in 16 clock pulses or in
multiples of 8 in the case of multiple byte read/write. Bit duration is the time between two
falling edges of SPC. The first bit (bit 0) starts at the first falling edge of SPC after the falling
edge of CS while the last bit (bit 15, bit 23, ...) starts at the last falling edge of SPC just
before the rising edge of CS.
bit 0: RW bit. When 0, the data DI(7:0) is written into the device. When 1, the data DO(7:0)
from the device is read. In the latter case, the chip drives SDO at the start of bit 8.
bit 1: MS bit. When 0, the address remains unchanged in multiple read/write commands.
When 1, the address is auto incremented in multiple read/write commands.
bit 2-7: address AD(5:0). This is the address field of the indexed register.
bit 8-15: data DI(7:0) (write mode). This is the data that is written into the device (MSb first).
bit 8-15: data DO(7:0) (read mode). This is the data that is read from the device (MSb first).
In multiple read/write commands further blocks of 8 clock periods are added. When the MS
bit is 0, the address used to read/write data remains the same for every block. When MS bit
is 1, the address used to read/write data is incremented at every block.
The function and the behavior of SDI and SDO remain unchanged.
CS
SPC
SDI
SDO
RW
AD5AD4 AD3AD2 AD1 AD 0
DI 7DI 6 DI5DI4 DI3 DI2 DI1 DI0
DO 7 DO 6 DO5DO 4 DO3DO2 DO 1DO0
MS
CS
SPC
SDI
SDO
RW
AD5AD4 AD3AD2 AD1 AD 0
DI 7DI 6 DI5DI4 DI3 DI2 DI1 DI0
DO 7 DO 6 DO5DO 4 DO3DO2 DO 1DO0
MS
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com