Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS404M Datasheet(PDF) 8 Page - STMicroelectronics

Part # LS404M
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS404M Datasheet(HTML) 8 Page - STMicroelectronics

Back Button LS404M Datasheet HTML 3Page - STMicroelectronics LS404M Datasheet HTML 4Page - STMicroelectronics LS404M Datasheet HTML 5Page - STMicroelectronics LS404M Datasheet HTML 6Page - STMicroelectronics LS404M Datasheet HTML 7Page - STMicroelectronics LS404M Datasheet HTML 8Page - STMicroelectronics LS404M Datasheet HTML 9Page - STMicroelectronics LS404M Datasheet HTML 10Page - STMicroelectronics LS404M Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LS404
8/11
In the circuit of figure 14, for fc = 3.4kHz and R
i =
R1 = R2 = R3 = 10k
Ω, we obtain:
The attenuation of the filter is 30dB at 6.8kHz and
better than 60dB at 15kHz.
The same method, referring to table 2 and figure
15 is used to design high-pass filter. In this case
the damping factor is found by taking the recipro-
cal of the numbers in table 2. For fc = 5kHz and Ci
= C1 = C2 = C3 = 1nF we obtain:
Table 2 : Damping Factor for Low-pass Butterworth Filters
Figure 15 : 5th Order High-pass Filter (Butterworth) with Unity Gain configuration
Ci = 1.354
1
R
----
1
2
πfc
------------ = 6.33nF
C1 = 0.421
1
R
----
1
2
πfc
------------ = 1.97nF
C2 = 1.753
1
R
----
1
2
πfc
------------ = 8.20nF
C3 = 0.309
1
R
----
1
2
πfc
------------ = 1.45nF
C4 = 3.325
1
R
----
1
2
πfc
------------ = 15.14nF
Ri =
1
0.354
---------------
1
C
----
1
2
πfc
------------ = 25.5k
Ω
R1 =
1
0.421
---------------
1
C
----
1
2
πfc
------------ = 75.6k
Ω
R2 =
1
1.753
---------------
1
C
----
1
2
πfc
------------ = 18.2k
Ω
R3 =
1
0.309
---------------
1
C
----
1
2
πfc
------------ = 103k
Ω
R4 =
1
3.325
---------------
1
C
----
1
2
πfc
------------ = 9.6k
Ω
Order
Ci
C1
C2
C3
C4
C5
C6
C7
C8
2
0.707
1.41
3
1.392
0.202
3.54
4
0.92
1.08
0.38
2.61
5
1.354
0.421
1.75
0.309
3.235
6
0.966
1.035
0.707
1.414
0.259
3.86
7
1.336
0.488
1.53
0.623
1.604
0.222
4.49
8
0.98
1.02
0.83
1.20
0.556
1.80
0.195
5.125
R2
C2
C1
R1
Ri
Ci
R4
C3
R3
C4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com