Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS404M Datasheet(PDF) 9 Page - STMicroelectronics

Part # LS404M
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS404M Datasheet(HTML) 9 Page - STMicroelectronics

Back Button LS404M Datasheet HTML 3Page - STMicroelectronics LS404M Datasheet HTML 4Page - STMicroelectronics LS404M Datasheet HTML 5Page - STMicroelectronics LS404M Datasheet HTML 6Page - STMicroelectronics LS404M Datasheet HTML 7Page - STMicroelectronics LS404M Datasheet HTML 8Page - STMicroelectronics LS404M Datasheet HTML 9Page - STMicroelectronics LS404M Datasheet HTML 10Page - STMicroelectronics LS404M Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LS404
9/11
Figure 16 : Multiple Feedback 8-pole Bandpass Filter
Figure 17 : Six pole 355Hz Low-pass Filter (chebychev type)
This is a - pole Chebychev type with ±0.25dB ripple in the passband. A decoupling stage is used to avoid
the influence of the input impedance on the filter’s characteristics. The attenuation is about 55dB at 710Hz
and reaches 80dB at 1065Hz. the in band attenuation is limited in practise to the ±0.25dB ripple and does
not exceed 0.5dB at 0.9fc.
Figure 18 : Subsonic Filter (Gv = 0dB)
Figure 19 : High Cut filter (Gv = 0dB)
IN
C1
0.1 F
m
R1
C2
R4
Vcc
R2
R3
22k
W
22k
W
1
2
3
4
R5
C3
C4
0.1 F
m
¼
LS404
¼
LS404
¼
LS404
¼
LS404
R6
R7
C5
C6
R8
R9
R10
C7
220 F
m
C8
C9
R11
7
11
5
6
8
9
10
R12
R13
C10
C11
R14
14
13
12
Out
C12
0.1 F
m
C13
0.22 F
m
56k
Ω
0.47 F
µ
10k
Ω
10k
Ω
86.1nF
161nF
10k
Ω
10k
Ω
220nF
16.3nF
10k
Ω
10k
Ω
60nF
3.54nF
10k
Ω
C
C
22k
Ω
Vout
Fc (Hz)
15
22
30
55
100
C ( F)
0.68
0.47
0.33
0.22
0.10
µ
C2
10k
Ω
Vin
C1
Vout
10k
Ω
3
2
1
Fc (Hz)
3
5
10
15
C1 (nF)
3.9
2.2
1.2
0.68
C2 (nF)
6.8
4.7
2.2
1.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com