Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS404M Datasheet(PDF) 2 Page - STMicroelectronics

Part # LS404M
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS404M Datasheet(HTML) 2 Page - STMicroelectronics

  LS404M Datasheet HTML 1Page - STMicroelectronics LS404M Datasheet HTML 2Page - STMicroelectronics LS404M Datasheet HTML 3Page - STMicroelectronics LS404M Datasheet HTML 4Page - STMicroelectronics LS404M Datasheet HTML 5Page - STMicroelectronics LS404M Datasheet HTML 6Page - STMicroelectronics LS404M Datasheet HTML 7Page - STMicroelectronics LS404M Datasheet HTML 8Page - STMicroelectronics LS404M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LS404
2/11
SCHEMATIC DIAGRAM (1/4 LS404)
ABSOLUTE MAXIMUM RATINGS
Inverting input
Non-inverting
input
Output
Symbol
Parameter
Value
Unit
VCC
Supply voltage
±18
V
Vi
Input Voltage
Positive
Negative
+VCC
-VCC - 0.5
V
Vid
Differential Input Voltage
±(VCC -1)
V
Toper
Operating Temperature Range
LS204C
LS204I
LS204I
0 to +70
-40 to +105
-55 to +125
°C
Ptot
Power Dissipation at Tamb = 70°C
400
mW
Tstg
Storage Temperature Range
-65 to +150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com