Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS404M Datasheet(PDF) 3 Page - STMicroelectronics

Part # LS404M
Description  HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LS404M Datasheet(HTML) 3 Page - STMicroelectronics

  LS404M Datasheet HTML 1Page - STMicroelectronics LS404M Datasheet HTML 2Page - STMicroelectronics LS404M Datasheet HTML 3Page - STMicroelectronics LS404M Datasheet HTML 4Page - STMicroelectronics LS404M Datasheet HTML 5Page - STMicroelectronics LS404M Datasheet HTML 6Page - STMicroelectronics LS404M Datasheet HTML 7Page - STMicroelectronics LS404M Datasheet HTML 8Page - STMicroelectronics LS404M Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LS404
3/11
ELECTRICAL CHARACTERISTICS
VCC = ±15V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
LS404I - LS404M
LS404C
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Icc
Supply Current
1.3
2
1.5
3
mA
Iib
Input Bias Current
50
200
100
300
nA
Ri
Input Resistance (f = 1kHz)
1
1
M
Ω
Vio
Input Offset Voltage (Rs ≤ 10kΩ)
0.7
2.5
0.5
5
mV
DVio
Input Offset Voltage Drift (Rs ≤ 10kΩ)
Tmin < Top < Tmax
55
µV/°C
Iio
Input Offset Current
10
40
20
80
nA
DIio
Input Offset Current Drift
Tmin < Top < Tmax
0.08
0.1
nA/°C
Ios
Output Short-circuit Current
23
23
mA
Avd
Large Signal Voltage Gain
RL = 2kΩ, VCC = ±15V
VCC = ±4V
90
100
95
86
100
95
dB
GBP
Gain Bandwith Product
f =100kHz, RL = 2k, CL = 100pF
1.8
3
1.5
2.5
MHz
en
Equivalent Input Noise Voltage
f = 1kHz,
Rs = 50Ω
Rs = 1kΩ
Rs = 10kΩ
8
10
18
15
10
12
20
THD
Total Harmonic Distortion
Unity Gain
RL = 2kΩ, Vo = 2Vpp
f = 1kHz
f = 20kHz
0.01
0.03
0.4
0.01
0.03
%
±Vopp
Output Voltage Swing
RL = 2kΩ, VCC = ±15V
VCC = ±4V
±13
±3
±13
±3
V
Vopp
Large Signal Voltage Swing
f = 10kHz, RL = 10kΩ
RL = 1kΩ
22
20
22
20
Vpp
SR
Slew Rate (RL = 2kΩ, unity gain)
0.8
1.5
1
V/
µs
SVR
Supply Voltage Rejection Ratio
Vic = 1V, f = 100Hz
90
94
86
90
dB
CMR
Common Mode Rejection Ratio
Vic = 10V
90
94
86
90
dB
Vo1/Vo2 Channel Separation (f= 1kHz)
100
120
120
dB
nV
Hz
------------



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com