Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LJT07R Datasheet(PDF) 43 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 43 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 39Page - Amphenol Corporation LJT07R Datasheet HTML 40Page - Amphenol Corporation LJT07R Datasheet HTML 41Page - Amphenol Corporation LJT07R Datasheet HTML 42Page - Amphenol Corporation LJT07R Datasheet HTML 43Page - Amphenol Corporation LJT07R Datasheet HTML 44Page - Amphenol Corporation LJT07R Datasheet HTML 45Page - Amphenol Corporation LJT07R Datasheet HTML 46Page - Amphenol Corporation LJT07R Datasheet HTML 47Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 57 page
background image
41
LJT Breakaway Fail Safe
lanyard release plug
how to order, cont.
MS27661
T
17
B
35 P A
MS Number
Service Class
Shell Size
Finish
Insert Arrangement
Contact Style
Polarizing Position
MS Number
MS Number designates MIL-DTL-38999, Series I
LJT Lanyard Release Plug
Service Class
E for environmental crimp applications (inactive for new
design)
T for environmental crimp applications with serrations on
rear threads of shell
Shell Size
MIL-DTL-38999, sizes 11 through 25
Finish
B designates corrosion resistant olive drab cadmium
plated aluminum, 500 hour extended salt spray,
EMI shielding effectiveness –50dB @ 10 GHz
specification min., 175°C
F designates electroless nickel plated aluminum,
48 hour salt spray, EMI shielding effectiveness –65dB
@
10 GHz500 specification min., 200°C
These are standard finishes. Consult Amphenol Aerospace
for variations.
Insert Arrangement
MIL-DTL-38999, see insert identification chart on page 40.
Contact Style
P designates Lanyard Release plug with pin contacts
S designates Lanyard Release plug with socket contacts
Polarizing Postion
For alternate positions of connector (to prevent cross-
mating) see LJT key/keyway rotation description on page
5. (No letter is required for normal).
88
– 5388
29
–
40
P
Finish
Connector Type Identification
Shell Size and Insert
Arrangement Code
Lanyard Length Code
Contact Type/Alternate Insert Rotation
Finish
88 designates corrosion resistant olive drab cadmium
plate over nickel, 500 hour extended salt spray,
EMI –50dB @ 10 GHz specification min., 175°C
91 designates electroless nickel plated aluminum,
optimum EMI shielding effectiveness –65dB @ 10 GHz
specification min., 48 hour salt spray, 200°C
These are standard finishes. Consult Amphenol Aerospace,
Sidney, NY for variations.
Connector Type Identification
88/91-5388 designates MIL-DTL-38999, Series I LJT Lanyard
Release Plug
Shell Size and Insert Arrangement Code
Shell sizes are MIL-DTL-38999, Series III from 11 thru 25. The
basic part number selected specifies the insert arrangement.
See Table I (page 40) for coded part number that correlates to
insert arrangement.
Lanyard Length Code
See Table II (page 40) for lanyard length code number.
Contact Type/Alternate Rotations
P designates pin, S designates socket for normal positioning
of contacts. When an alternate position of the connector is
required to prevent cross-mating, a different letter (other than
P or S) is used. See alternate positioning for LJT on page 5,
then convert to Amphenol proprietary coding by the following
chart.
Pin Contacts
Socket Contacts
MS Letter
Amphenol Letter
MS Letter
Amphenol Letter
P
P (normal)
S
S (normal)
PA
E
SA
F
PB
R
SB
T
PC
W
SC
X
PD
Y
SD
Z
HOW TO ORDER - BY MILITARY PART NUMBER
FAIL SAFE MS27661
HOW TO ORDER - BY PROPRIETARY PART NUMBER
FAIL SAFE 88-5388 OR 91-5388



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com