Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LJT07R Datasheet(PDF) 23 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 23 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 19Page - Amphenol Corporation LJT07R Datasheet HTML 20Page - Amphenol Corporation LJT07R Datasheet HTML 21Page - Amphenol Corporation LJT07R Datasheet HTML 22Page - Amphenol Corporation LJT07R Datasheet HTML 23Page - Amphenol Corporation LJT07R Datasheet HTML 24Page - Amphenol Corporation LJT07R Datasheet HTML 25Page - Amphenol Corporation LJT07R Datasheet HTML 26Page - Amphenol Corporation LJT07R Datasheet HTML 27Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 57 page
background image
21
Q
.257
+.003
–.002
+.003
–.002
L1
.325
±.025
FF
H
K
L****
FF
1
.257
.325
±.025
KK
X
X1
****
-BB-
JT08R (MS27500) — crimp
90° plug
* JT08RP-XX-XXX
** JTS08RP-XX-XXX
*** JTN08RP-XX-XXX
* To complete order number see page 53.
** High temperature version; to complete order number see page 53.
*** Clear iridite finish (gold color), N
2O4 resistant; to complete order number see page 53.
**** Dimensions L and X1 are applicable when the end of the screw is flush with the surface BB.
All dimensions for reference only.
QX
X1
Shell
H
K
L
L1
Dia.
Min.
Max.
FF
FF1
KK
Size
±.010
±.010
Max.
Max.
Max.
Cable
Cable
Max.
Max.
Max.
8
.547
.156
1.578
1.125
.734
.082
.234
.438
.984
.755
10
.709
.188
1.578
1.156
.844
.082
.234
.516
1.016
.755
12
.829
.281
1.656
1.250
1.016
.114
.328
.594
1.078
.817
14
1.000
.438
1.844
1.406
1.141
.176
.457
.656
1.203
.943
16
1.021
.500
2.000
1.469
1.265
.238
.634
.719
1.265
1.067
18
1.145
.562
2.046
1.531
1.391
.208
.614
.781
1.328
1.149
20
1.270
.625
2.125
1.594
1.500
.302
.608
.844
1.359
1.399
22
1.395
.688
2.250
1.656
1.625
.302
.823
.906
1.421
1.399
24
1.520
.750
2.422
1.797
1.750
.332
.853
.969
1.703
1.587
* JT08RE-XX-XXX (MS27500E)
** JTS08RE-XX-XXX
*** JTN08RE-XX-XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com