Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LJT07R Datasheet(PDF) 22 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 22 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 18Page - Amphenol Corporation LJT07R Datasheet HTML 19Page - Amphenol Corporation LJT07R Datasheet HTML 20Page - Amphenol Corporation LJT07R Datasheet HTML 21Page - Amphenol Corporation LJT07R Datasheet HTML 22Page - Amphenol Corporation LJT07R Datasheet HTML 23Page - Amphenol Corporation LJT07R Datasheet HTML 24Page - Amphenol Corporation LJT07R Datasheet HTML 25Page - Amphenol Corporation LJT07R Datasheet HTML 26Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 57 page
background image
20
★ .059 Dia. Min. 3 lockwire holes.
Formed lockwire hole design (6 holes) is optional.
• “D” shaped mounting hole dimensions.
* To complete order number see page 53.
*** High temperature version; to complete order number see page 53.
**** Clear iridite finish (gold color), N
2O4 resistant; to complete order number see page 53.
S
H
S
A
T
C
M
P
K
O RING
KK
RR
Z
L2
N
RR
Z
L
N
KK
1
F
M
P
K
O RING
KK
RR
Z
L
N
1
M
P
K
O RING
FH
N
P
A•
Dia.
Hex
K
Dia.
Panel Thickness
T•
KK
RR
Shell
+.000
C
+.010
+.017
+.011
L
L1
L2
M
+.001
S
+.010
Z
Dia.
KK1
Thread
Size
–.010
Max.
–.025
–.016
–.010
Max.
Max.
Max.
±.005
–.005
Min.
Max.
±.016
–.000
±.026
Max.
Max.
Class 2A
8
.542
1.077
.125
.750
.125
1.062
.641
.375
.630
.473
.062
.125
.938
.572
.047
.688
.812
.5625-24UNEF
10
.669
1.203
.188
.875
.125
1.062
.641
.375
.630
.590
.062
.125
1.062
.697
.047
.812
.875
.6875-24UNEF
12
.830
1.390
.312
1.062
.125
1.062
.641
.375
.630
.750
.062
.125
1.250
.844
.047
.938
1.000
.8750-20UNEF
14
.955
1.515
.375
1.188
.125
1.062
.641
.375
.630
.875
.062
.125
1.375
1.007
.047
1.062
1.125
1.0000-20UNEF
16
1.084
1.640
.500
1.312
.125
1.062
.641
.375
.630
1.000
.062
.125
1.500
1.134
.047
1.188
1.188
1.1250-18UNEF
18
1.208
1.765
.625
1.438
.125
1.062
.641
.375
.630
1.125
.062
.125
1.625
1.259
.047
1.312
1.438
1.2500-18UNEF
20
1.333
1.953
.625
1.562
.156
1.062
.703
.328
.755
1.250
.062
.250
1.812
1.384
.172
1.469
1.438
1.3750-18UNEF
22
1.459
2.075
.750
1.688
.156
1.062
.703
.328
.755
1.375
.062
.250
1.938
1.507
.172
1.594
1.625
1.5000-18UNEF
24
1.575
2.203
.800
1.812
.156
1.062
.703
.328
.755
1.500
.062
.250
2.062
1.634
.172
1.719
1.719
1.6250-18UNEF
JTL07R — crimp
jam nut receptacle
(miniature jam nut mounting dimensions)
* JTL07RP-XX-XXX
*** JTLS07RP-XX-XXX
**** JTLN07RP-XX-XXX
* JTL07RE-XX-XXX (SR)
*** JTLS07RE-XX-XXX (SR)
**** JTLN07RE-XX-XXX (SR)
* JTL07RE-XX-XXX
*** JTLS07RE-XX-XXX
**** JTLN07RE-XX-XXX
All dimensions for reference only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com