Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LJT07R Datasheet(PDF) 21 Page - Amphenol Corporation

Part # LJT07R
Description  Amphenol JT/LJT Subminiature Cylindrical Connectors
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

LJT07R Datasheet(HTML) 21 Page - Amphenol Corporation

Back Button LJT07R Datasheet HTML 17Page - Amphenol Corporation LJT07R Datasheet HTML 18Page - Amphenol Corporation LJT07R Datasheet HTML 19Page - Amphenol Corporation LJT07R Datasheet HTML 20Page - Amphenol Corporation LJT07R Datasheet HTML 21Page - Amphenol Corporation LJT07R Datasheet HTML 22Page - Amphenol Corporation LJT07R Datasheet HTML 23Page - Amphenol Corporation LJT07R Datasheet HTML 24Page - Amphenol Corporation LJT07R Datasheet HTML 25Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 57 page
background image
19
C
S (2 PLACES)
H
A
T
M
.094
.062 MIN.**
.109 MAX.
O RING
O RING
Z
F
KK
RR
N
+.011
–.010
L3
M
.094
.062 MIN.**
.109 MAX.
O RING
+.011
–.010
M
.094
.062 MIN.**
.109 MAX.
O RING
+.011
–.010
.094
.062 MIN**
.109 MAX.
M
N
Z
L
KK
RR
+.011
–.010
2
N
Z
L
RR
F
KK1
2
1
N
Z
V
L1
RR
JT07R (MS27474) — crimp
jam nut receptacle
* JT07RE-XX-XXX (SR)
*** JTS07RE-XX-XXX (SR)
**** JTN07RE-XX-XXX (SR)
★ .059 Dia. Min. 3 lockwire holes.
Formed lockwire hole design (6 holes) is optional.
• “D” shaped mounting hole dimensions.
* To complete order number see page 53.
** Panel Thickness
*** High temperature version; to complete order number see page 53.
**** Clear iridite finish (gold color), N
2O4 resistant; to complete order number see page 53.
All dimensions for reference only.
A•
F Dia
H Hex
N
T•
V Thread
KK1
KK2
RR Thread
Shell
+.000
C
+.010
F1
+.017
L
L1
L2
L3
M
+.001
S
+.010
UNEF
Z
KK
Dia.
Dia.
(Plated)
Size
–.010
Max.
–.025
Dia.
–.016 Max. Max. Max. Max.
±.005
–.005
±.016
–.000
Class 2A
±.031
Max.
Max.
Max.
Class 2A
8
.830 1.390
.125
.444
1.062 .484
.453
.563 1.047
.438
.473
1.250
.884
.4375-28
.144
.812
.625
.578
.8750-20UNEF
10
.955 1.515
.188
.558
1.188 .484
.453
.563 1.047
.438
.590 1.375
1.007
.5625-24
.144
.875
.750
.703
1.0000-20UNEF
12
1.084
1.640
.312
.683
1.312 .484
.453
.563 1.047
.438
.750 1.500
1.134
.6875-24
.144
1.000
.875
.828
1.1250-18UNEF
14
1.208
1.765
.375
.808
1.438 .484
.453
.563 1.297
.438
.875 1.625
1.259
.8125-20
.144
1.125
1.000
.953
1.2500-18UNEF
16
1.333
1.953
.500
.909
1.562 .484
.453
.563 1.297
.438
1.000
1.781
1.384
.9375-20
.144
1.188
1.125
1.078
1.3750-18UNEF
18
1.459
2.031
.625
1.034
1.688 .484
.453
.563 1.297
.438
1.125
1.890
1.507 1.0625-18
.144
1.438
1.250
1.203
1.5000-18UNEF
20
1.576
2.156
.625
1.159
1.812 .453
.422
.531 1.266
.464
1.250
2.016
1.634 1.1875-18
.188
1.438
1.375
1.328
1.6250-18UNEF
22
1.701
2.280
.750
1.284
2.000 .453
.422
.531 1.391
.464
1.375
2.140
1.759 1.3125-18
.188
1.625
1.500
1.453
1.7500-18UNS
24
1.826
2.405
.800
1.409
2.125 .375
.422
.609 1.391
.464
1.500
2.265
1.884 1.4375-18
.188
1.719
1.625
1.578
1.8750-16UN
* JT07RE-XX-XXX (MS27474E)
*** JTS07RE-XX-XXX
**** JTN07RE-XX-XXX
* JT07RP-XX-XXX (MS27474P)
*** JTS07RP-XX-XXX
**** JTN07RP-XX-XXX
* JT07RT-XX-XXX (MS27474T)
*** JTS07RT-XX-XXX
**** JTN07RT-XX-XXX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com