Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP412 Datasheet(PDF) 5 Page - Power Integrations, Inc.

Part # TOP412
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP412 Datasheet(HTML) 5 Page - Power Integrations, Inc.

  TOP412 Datasheet HTML 1Page - Power Integrations, Inc. TOP412 Datasheet HTML 2Page - Power Integrations, Inc. TOP412 Datasheet HTML 3Page - Power Integrations, Inc. TOP412 Datasheet HTML 4Page - Power Integrations, Inc. TOP412 Datasheet HTML 5Page - Power Integrations, Inc. TOP412 Datasheet HTML 6Page - Power Integrations, Inc. TOP412 Datasheet HTML 7Page - Power Integrations, Inc. TOP412 Datasheet HTML 8Page - Power Integrations, Inc. TOP412 Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
A
4/99
TOP412/414
5
CONTROL pin. V
C regulation changes from shunt mode to
the hysteretic auto-restart mode described above. When the
fault condition is removed, the power supply output becomes
regulated, V
C regulation returns to shunt mode, and normal
operation of the power supply resumes.
Latching Shutdown
The output overvoltage protection latch is activated by a high-
current pulse into the CONTROL pin. When set, the latch
turns off the TOPSwitch output. Activating the power-up
reset circuit by removing and restoring input power, or
momentarily pulling the CONTROL pin below the power-up
reset threshold resets the latch and allows TOPSwitch to
resume normal power supply operation. V
C is regulated in
hysteretic mode when the power supply is latched off.
Over-Temperature Protection
Temperature protection is provided by a precision analog
circuit that turns the output MOSFET off when the junction
temperature exceeds the thermal shutdown temperature
(typically 145
°C). Activating the power-up reset circuit by
removing and restoring input power or momentarily pulling the
CONTROL pin below the power-up reset threshold resets the
latch and allows TOPSwitch to resume normal power supply
operation. V
C is regulated in hysteretic mode when the power
supply is latched off.
High-voltage Bias Current Source
This current source biases TOPSwitch from the DRAIN pin and
charges the CONTROL pin external capacitance (C
T) during
start-up or hysteretic operation. Hysteretic operation occurs
during auto-restart and latched shutdown. The current source
is switched on and off with an effective duty cycle of
approximately 35%. This duty cycle is determined by the ratio
of CONTROL pin charge (I
C) and discharge currents (ICD1 and
I
CD2). This current source is turned off during normal operation
when the output MOSFET is switching.
PI-1119-110194
VIN
VOUT
0
IOUT
0
1
2
1
4
3
DRAIN
0
VIN
VC
0
• • •
• • •
12
12
81
0
IC
• • •
• • •
12
8
81
2
8
1
VC(reset)
45 mA
Figure 6. Typical Waveforms for (1) Normal Operation, (2) Auto-restart, (3) Latching Shutdown, and (4) Power Down Reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com