Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP412 Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # TOP412
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP412 Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button TOP412 Datasheet HTML 7Page - Power Integrations, Inc. TOP412 Datasheet HTML 8Page - Power Integrations, Inc. TOP412 Datasheet HTML 9Page - Power Integrations, Inc. TOP412 Datasheet HTML 10Page - Power Integrations, Inc. TOP412 Datasheet HTML 11Page - Power Integrations, Inc. TOP412 Datasheet HTML 12Page - Power Integrations, Inc. TOP412 Datasheet HTML 13Page - Power Integrations, Inc. TOP412 Datasheet HTML 14Page - Power Integrations, Inc. TOP412 Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
A
4/99
TOP412/414
11
Conditions
(Unless Otherwise Specified)
Specification
Symbol
See Figure 11
Min
Typ
Max
Units
VS2 = 16 V R1 = 0 Ω
SOURCE = 0 V
T
J = -40 to 125 °C
LOW INPUT VOLTAGE OPERATION (See Note C)
Volts
mA
mA
%
Hz
DRAIN Supply
Voltage
CONTROL Pin
Charging Current
Auto-restart
Duty Cycle
Auto-restart
Frequency
NOTES:
A. For specifications with negative values, a negative temperature coefficient corresponds to an increase in
magnitude with increasing temperature, and a positive temperature coefficient corresponds to a decrease in
magnitude with increasing temperature.
B. It is possible to start up and operate
TOPSwitch at DRAIN voltages well below 36 V. Refer to the "Low Input
Voltage" Specification section for details.
C. This section specifies only parameters affected by low input voltage operation (Drain Voltages less than 36 V). All
other parameters remain unchanged.
D. For low input voltage applications, the primary peak current could be set to a lower value than the current limit to
increase efficiency. Refer to the Output Characteristics graph (Drain Current vs. Drain Voltage). The voltage
across the transformer primary during the ON time is the difference between the input voltage and the drain
voltage (V
DS(ON)).
For example, if the input voltage is 16 VDC and a TOP414 (2.95 A minimum current limit) is used at a primary
peak current of 1A. Then the (V
DS(ON))
is 3 V at 100 °C and the energizing voltage across the transformer
primary is 13 V.
S1/Open
S1/Open
See Note D
T
J = 25 °C
16
-2.30
-1.65
-1.00
-1.20
-0.64
-0.28
48
0.85
V
C= 0 V
V
C= 5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com