Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP412 Datasheet(PDF) 8 Page - Power Integrations, Inc.

Part # TOP412
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP412 Datasheet(HTML) 8 Page - Power Integrations, Inc.

Back Button TOP412 Datasheet HTML 4Page - Power Integrations, Inc. TOP412 Datasheet HTML 5Page - Power Integrations, Inc. TOP412 Datasheet HTML 6Page - Power Integrations, Inc. TOP412 Datasheet HTML 7Page - Power Integrations, Inc. TOP412 Datasheet HTML 8Page - Power Integrations, Inc. TOP412 Datasheet HTML 9Page - Power Integrations, Inc. TOP412 Datasheet HTML 10Page - Power Integrations, Inc. TOP412 Datasheet HTML 11Page - Power Integrations, Inc. TOP412 Datasheet HTML 12Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
TOP412/414
A
4/99
8
Conditions
(Unless Otherwise Specified)
Specification
Symbol
See Figure 11
Min
Typ
Max
Units
SOURCE = 0 V
T
J = -40 to 125 °C
ABSOLUTE MAXIMUM RATINGS(1)
108
120
132
64
67
70
1.0
1.8
3.0
1.3
2.1
3.3
-21
-16
-11
-0.05
1.5
2.5
4
10
15
22
0.18
f
OSC
DC
MAX
DC
MIN
I
B
Z
C
CONTROL FUNCTIONS
Output
Frequency
Maximum
Duty Cycle
Minimum
Duty Cycle
PWM
Gain
PWM Gain
Temperature Drift
External
Bias Current
Dynamic
Impedance
Dynamic Impedance
Temperature Drift
kHz
%
%
%/mA
%/mA/°C
mA
%/°C
DRAIN Voltage ............................................ -0.3 to 350 V
CONTROL Voltage ..................................... - 0.3 V to 9 V
Storage Temperature ..................................... -65 to 150
°C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. Normally limited by internal circuitry.
3. 1/16" from case for 5 seconds.
Operating Junction Temperature(2) ................ -40 to 150
°C
Lead Temperature(3) ................................................ 260
°C
Thermal Impedance (
θ
JA) ................................... 35 °C/W
(1)
Thermal Impedance (
θ
JC) ..................................... 11 °C/W
THERMAL IMPEDANCE
TOP412
TOP414
I
C = 4 mA, TJ = 25 °C
I
C = ICD1+ 0.5 mA, See Figure 9
I
C = 10 mA,
See Figure 9
I
C = 4 mA, TJ = 25 °C
See Figure 4
See Note A
See Figure 4
I
C = 4 mA, TJ = 25 °C
See Figure 10
1. Soldered to 1 sq. inch (645 mm2), 2 oz. (610 g/m2) copper clad.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com