Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOP412 Datasheet(PDF) 7 Page - Power Integrations, Inc.

Part # TOP412
Description  Three-terminal DC to DC PWM Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP412 Datasheet(HTML) 7 Page - Power Integrations, Inc.

Back Button TOP412 Datasheet HTML 3Page - Power Integrations, Inc. TOP412 Datasheet HTML 4Page - Power Integrations, Inc. TOP412 Datasheet HTML 5Page - Power Integrations, Inc. TOP412 Datasheet HTML 6Page - Power Integrations, Inc. TOP412 Datasheet HTML 7Page - Power Integrations, Inc. TOP412 Datasheet HTML 8Page - Power Integrations, Inc. TOP412 Datasheet HTML 9Page - Power Integrations, Inc. TOP412 Datasheet HTML 10Page - Power Integrations, Inc. TOP412 Datasheet HTML 11Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
A
4/99
TOP412/414
7
Figure 8. Recommended TOPSwitch Layout.
PI-2210-102798
CONTROL
SOURCE
SOURCE
DRAIN
TOP VIEW
High Voltage
Return
Bias/Feedback
Return
Bias/Feedback
Input
G PACKAGE
Kelvin-connected
auto-restart/bypass capacitor C5
and/or compensation network
CONTROL pin transient
decoupling capacitor
Key Application Issues
Use a Kelvin connection to the SOURCE pin for the CONTROL
pin bypass capacitor. Use single point grounding techniques at
the SOURCE pin as shown in Figure 8. Use a ceramic high
frequency decoupling capacitor to bypass noise transients which
might appear on the CONTROL pin. The TOP412 and TOP414
have an over current latching shutdown feature. Failure to use
a high frequency decoupling capacitor may allow incidental
noise to accidentally trigger this feature.
Limit peak voltage and ringing on the DRAIN voltage at turn-
off to a safe value. Use a Zener or TVS Zener diode to clamp
the DRAIN voltage.
Do not plug the TOPSwitch device into a “hot” IC socket during
test. External CONTROL pin capacitance may deliver a surge
current sufficient to trigger the shutdown latch which turns the
TOPSwitch off.
Under some conditions, externally provided bias or supply
current driven into the CONTROL pin can hold the TOPSwitch
in one of the 8 auto-restart cycles indefinitely and prevent
starting. Shorting the CONTROL pin to the SOURCE pin will
reset the TOPSwitch. To avoid this problem when doing bench
evaluations, it is recommended that the V
C power supply be
turned on before the DRAIN voltage is applied.
CONTROL pin currents during auto-restart operation are much
lower at low input voltages (< 20 V) which increases the auto-
restart cycle period (see the I
C vs. Drain Voltage Characteristic
curve).
In some cases, minimum loading may be necessary to keep a
lightly loaded or unloaded output voltage within the desired
range due to the minimum ON-time.
For additional applications information regarding the TOPSwitch
family, refer to Web site, www.powerint.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com