Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-1414 Datasheet(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-1414
Description  Four Character Smart Alphanumeric Displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-1414 Datasheet(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HDLA-1414 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HDLX-1414 Series
Four Character Smart Alphanumeric Displays
Data Sheet
ESD Warning: Standard CMOS Handling Precautions should be observed with the HDLX-1414.
Description
These are 3.7 mm (0.145 inch) four character 5 x 7 dot matrix
displays driven by an on-board CMOS IC. These displays are
pinforpincompatiblewiththeHPDL-1414.TheICstoresand
decodes 7-bit ASCII data and displays it in an easy to read
5 x 7 font. Multiplexing and LED drive circuitry is also
included in the display, and fast setup and hold times
allow it to interface easily with common microprocessors.
The address and data inputs can be directly connected to
microprocessor address and data buses.
The HDLX-1414 offers a larger character set than the
HPDL-1414. Lower case letters and special symbols
are now offered, made possible by the 5 x 7 dot matrix
character layout.
The difference between the sunlight viewable HDLS-1414
and the low power HDLU-1414 lies in the brightness level.
The sunlight viewable version is internally set to provide
high intensity characters. The low power version uses
the same bright LED technology, but reduces the current
through each LED to a much lower level, and maintains an
intensity comparable to the HDLO-1414.
Devices
AlGaAs Red
High Efficiency Red
Orange
Yellow
Green
HDLS-1414 (sun. view.)
HDLO-1414
HDLA-1414
HDLY-1414
HDLG-1414
HDLU-1414 (low power)
Features
 Dot matrix replacement of HPDL-1414
 Smart alphanumeric display
Built-in RAM, ASCII decoder, and LED drive circuitry
 128 ASCII character set
 End stackable
 Categorized for luminous intensity; Yellow and Green
categorized for color
 Low power and sunlight viewable AlGaAs versions
 Wide viewing angle (50° typical)


Similar Part No. - HDLA-1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLA-1414 HP-HDLA-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
More results

Similar Description - HDLA-1414

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HDLX-2416 HP-HDLX-2416 Datasheet
337Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5 x 7 Alphanumeric Displays
HPDL-1414 HP-HPDL-1414 Datasheet
327Kb / 12P
Four Character Smart Alphanumeric Displays
HDLS-1414 HP-HDLS-1414 Datasheet
105Kb / 10P
Four Character Smart Alphanumeric Displays
HDLX-3461 HP-HDLX-3461 Datasheet
116Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-1414 AVAGO-HDLX-1414 Datasheet
288Kb / 9P
Four Character Smart Alphanumeric Displays
logo
Agilent(Hewlett-Packard...
HPDL-1414 HP-HPDL-1414_00 Datasheet
193Kb / 8P
Four Character Smart Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLO-3416 AVAGO-HDLO-3416_12 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
HDLS-2416 AVAGO-HDLS-2416_13 Datasheet
234Kb / 12P
Four Character 5.0 mm (0.2 inch) Smart 5x7 Alphanumeric Displays
logo
Broadcom Corporation.
HDLX-2416 BOARDCOM-HDLX-2416 Datasheet
613Kb / 18P
Four Character 5.0 mm (0.2 inch) Smart 5횞7 Alphanumeric Displays
logo
AVAGO TECHNOLOGIES LIMI...
HDLX-3416 AVAGO-HDLX-3416 Datasheet
292Kb / 12P
Four Character 6.9 mm (0.27 inch) Smart 5 x 7 Alphanumeric Displays
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com