Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-1414 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-1414
Description  Four Character Smart Alphanumeric Displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-1414 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  HDLA-1414 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
AC Timing Characteristics over Operating Temperature Range at VDD = 4.5 V
Parameter
Symbol
Min.
Units
Address Setup
tAS
10
ns
Address Hold
tAH
40
ns
Data Setup
tDS
50
ns
Data Hold
tDH
40
ns
Write Time
tW
75
ns
Enlarged Character Font
Timing Diagram
tAS
tW
tAH
2.0 V
0.8 V
2.0 V
0.8 V
2.0 V
0.8 V
tDS
tDH
A0 – A1
WR
D0 – D6
0.51 (0.020)
TYP.
3.61 (0.142)
TYP.
0.56 (0.022)
TYP.
0.25 (0.010)
TYP.
2.29 (0.090)
TYP.
NOTES:
1. UNLESS OTHERWISE SPECIFIED, THE TOLERANCE ON
ALL DIMENSIONS IS ± 0.254 mm (0.010").
2. DIMENSIONS ARE IN MILLIMETERS (INCHES).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com