Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-1414 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-1414
Description  Four Character Smart Alphanumeric Displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-1414 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HDLA-1414 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply Voltage, VDD to Ground[1]
–0.5
7.0
V
Input Voltage, Any Pin to Ground
–0.5
+0.5
V to VDD
Free Air Operating Temperature Range
TA
–40
+85
°C
Storage Temperature
TS
–40
+100
°C
CMOS IC Junction Temperature
+150
°C
Relative Humidity (Noncondensing) at +65°C
85%
Soldering Temperature, [1.59 mm (0.063 in.) Below Body]
Solder Dipping
260°C for 5 secs
Wave Soldering
250°C for 3 secs
ESD Classification, R = 1.5 k
, C = 100 pF
Class 1 (0 – 1999 V)
Note:
1. Maximum Voltage is with no LEDs illuminated.
Package Dimensions
17.66
(0.695)
4.45
(0.175)
20.12
(0.792)
9.14
(0.360)
0.51 ± 0.13
(0.020 ± 0.005) TYP.
6.10
(0.240)
2.54
(0.100)
TYP.
15.30
(0.600)
0.25 ± 0.13
(0.010 ± 0.005)
TYP.
DIMENSIONS ARE IN MILLIMETERS (INCHES).
PIN 1 IDENTIFIER
4.10
(0.160)
HDLX-1414
YYWW
X
Z
PART NUMBER
LUMINOUS INTENSITY
COLOR BIN [3]
DATE CODE (YEAR, WEEK)
0.39
(0.015)
TYP.
(2X)
PIN 1
TYP.
PIN NO.
FUNCTION
PIN NO.
FUNCTION
1
2
3
4
5
6
7
8
9
10
11
12
GROUND
D0 DATA INPUT
D1 DATA INPUT
D2 DATA INPUT
D3 DATA INPUT
D6 DATA INPUT
D5 DATA INPUT
D4 DATA INPUT
WR WRITE
A1 DIGIT SELECT
A0 DIGIT SELECT
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com