Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDLA-1414 Datasheet(PDF) 4 Page - AVAGO TECHNOLOGIES LIMITED

Part # HDLA-1414
Description  Four Character Smart Alphanumeric Displays
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HDLA-1414 Datasheet(HTML) 4 Page - AVAGO TECHNOLOGIES LIMITED

  HDLA-1414 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HDLA-1414 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Units
Supply Voltage
VDD
4.5
5.0
5.5
V
Electrical/Optical Characteristics over Operating Temperature Range
4.5 < VDD < 5.5 V (unless otherwise specified)
 -25°C[1]
Parameter
Symbol
Min.
Typ.
Max.
Max.
Units
Test Conditions
Blank Current
IDD (blnk)
1.0
4.0
mA
All Digits Blanked
Input Current
II
–40
10
A
VIN = 0 V to VDD
VDD = 5.0 V
Input Voltage High
VIH
2.0
VDD
V
Input Voltage Low
VIL
GND
0.8
V
IDD 4 Digits
IDD (#)
110
130
160
mA
“#” ON in All Four Locations
20 dots/character[2,3]
Notes:
1. VDD = 5.0 V.
2. Average IDD measured at full brightness. Peak IDD = 28/15 x Average IDD (#).
3. IDD (#) max. = 130 mA, 150°C IC junction temperature and VDD = 5.5 V.
Optical Characteristics at 25°C[1]
VDD = 5.0 V at Full Brightness
AlGaAs Red HDLS-1414
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity per Digit,
IV
4.0
12.7
mcd
“*” Illuminated in All Four Digits.
Character Average
19 Dots ON per Digit.
Peak Wavelength
PEAK
645
nm
Dominant Wavelength[2]
D
637
nm
AlGaAs Red HDLU-1414
Parameter
Symbol
Min.
Typ.
Units
Test Conditions
Average Luminous Intensity per Digit,
IV
1.2
3.1
mcd
“*” Illuminated in All Four Digits.
Character Average
19 Dots ON per Digit.
Peak Wavelength
PEAK
645
nm
Dominant Wavelength[2]
D
637
nm



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com