Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY30 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # ZPY30
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY30 Datasheet(HTML) 1 Page - Vishay Siliconix

  ZPY30 Datasheet HTML 1Page - Vishay Siliconix ZPY30 Datasheet HTML 2Page - Vishay Siliconix ZPY30 Datasheet HTML 3Page - Vishay Siliconix ZPY30 Datasheet HTML 4Page - Vishay Siliconix ZPY30 Datasheet HTML 5Page - Vishay Siliconix ZPY30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
ZPY3V9 to ZPY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Jul-12
1
Document Number: 85790
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Zener Diodes
FEATURES
• Silicon planar power Zener diodes
• For use in stabilizing and clipping circuits with
high power rating
• The Zener voltages are graded according to the
international E 12 standard.
• These diodes are also available in the MELF
case with the type designation ZMY3V9 to
ZMY100
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
PRIMARY CHARACTERISTICS
PARAMETER
VALUE
UNIT
VZ range nom.
3.9 to 100
V
Test current IZT
5 to 100
mA
VZ specification
Pulse current
Int. construction
Single
ORDERING INFORMATION
DEVICE NAME
ORDERING CODE
TAPED UNITS PER REEL
MINIMUM ORDER QUANTITY
ZPY3V9 to ZPY100
ZPY3V9 to ZPY100-series-TR
5000 (52 mm tape on 13" reel)
25 000/box
ZPY3V9 to ZPY100
ZPY3V9 to ZPY100-series-TAP
5000 per ammopack
(52 mm tape)
25 000/box
PACKAGE
PACKAGE NAME
WEIGHT
MOLDING COMPOUND
FLAMMABILITY RATING
MOISTURE SENSITIVITY
LEVEL
SOLDERING
CONDITIONS
DO-41
310 mg
-
MSL level 1
(according J-STD-020)
260 °C/10 s at terminals
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
Power dissipation
Valid provided that leads at a distance of 4 mm
from case are kept at ambient temperature
Ptot
1300
mW
Zener current
See table “Characteristics”
Junction to ambient air
Valid provided that leads at a distance of 4 mm
from case are kept at ambient temperature
RthJA
110
K/W
Junction temperature
Tj
175
°C
Storage temperature range
Tstg
- 55 to + 175
°C


Similar Part No. - ZPY30

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZPY30 DIODES-ZPY30 Datasheet
62Kb / 3P
SILICON PLANAR POWER ZENER DIODE
DS21404 Rev. D-3
logo
General Semiconductor
ZPY30 GE-ZPY30 Datasheet
217Kb / 5P
ZENER DIODES
logo
Vishay Siliconix
ZPY30 VISHAY-ZPY30 Datasheet
186Kb / 5P
Zener Diodes
02-May-02
logo
Diotec Semiconductor
ZPY30 DIOTEC-ZPY30 Datasheet
111Kb / 2P
Silicon-Power-Z-Diodes (non-planar technology)
logo
EIC discrete Semiconduc...
ZPY30 EIC-ZPY30 Datasheet
35Kb / 2P
ZENER DIODES
More results

Similar Description - ZPY30

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
ZENER DIODES DIODES ZENER
logo
EIC discrete Semiconduc...
1N4728CG EIC-1N4728CG Datasheet
33Kb / 2P
ZENER DIODES
HZ6L EIC-HZ6L Datasheet
30Kb / 2P
ZENER DIODES
logo
Fairchild Semiconductor
FLZ2V2_0609 FAIRCHILD-FLZ2V2_0609 Datasheet
625Kb / 8P
Zener Diodes
logo
Galaxy Semi-Conductor H...
BZG03C BILIN-BZG03C Datasheet
106Kb / 3P
ZENER DIODES
DL4728 BILIN-DL4728 Datasheet
195Kb / 3P
ZENER DIODES
BZY97 BILIN-BZY97 Datasheet
239Kb / 5P
ZENER DIODES
U1ZB6.8 BILIN-U1ZB6.8 Datasheet
155Kb / 3P
ZENER DIODES
logo
GOOD-ARK Electronics
ZPD1 GOOD-ARK-ZPD1 Datasheet
414Kb / 9P
Zener Diodes
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
ZENER DIODES Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com