Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY30 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # ZPY30
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY30 Datasheet(HTML) 3 Page - Vishay Siliconix

  ZPY30 Datasheet HTML 1Page - Vishay Siliconix ZPY30 Datasheet HTML 2Page - Vishay Siliconix ZPY30 Datasheet HTML 3Page - Vishay Siliconix ZPY30 Datasheet HTML 4Page - Vishay Siliconix ZPY30 Datasheet HTML 5Page - Vishay Siliconix ZPY30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ZPY3V9 to ZPY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Jul-12
3
Document Number: 85790
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Admissible Power Dissipation vs. Ambient Temperature
Fig. 2 - Pulse Thermal Resistance vs. Pulse Duration
Fig. 3 - Dynamic Resistance vs. Zener Current
Fig. 4 - Dynamic Resistance vs. Zener Current
Fig. 5 - Dynamic Resistance vs. Zener Current
Fig. 6 - Thermal Resistance vs. Lead Length
0100
200 °C
2
1
0
W
P
tot
T
amb
gzpy1_04
ZPY...
10-5
10-4
10-3 10-2
10-1
110 s
103
102
10
1
°C/W
2
5
4
3
2
5
4
3
2
5
4
3
r
thA
t
P
gzpy1_05
t
P
v =
T
P
I
___
T
t
P
0.5
0.2
0.1
0.05
0.02
0.01
ZPY...
1
2
10
100 mA
103
102
1
Ω
r
zj
I
Z
gzpy1_06
5
4
32
5
4
3
2
5
4
3
2
5
4
3
2
5
4
3
10
7
7
ZPY5.1
ZPY4.3
ZPY18
ZPY12
ZPY7.5
ZPY6.2
ZPY1
ZPY10
ZPY...
ZPY...
0.1
2
110 mA
103
102
10
Ω
2
5
4
3
r
zj
I
Z
gzpy1_07
5
4
32
5
4
3
7
2
5
4
3
7
ZPY100
ZPY82
ZPY68
ZPY56
ZPY43
1
2
10
100 mA
100
10
1
Ω
2
5
4
3
r
zj
I
Z
gzpy1_08
5
4
32
5
4
3
7
2
5
4
3
7
ZPY43
ZPY36
ZPY30
ZPY24
ZPY22
ZPY...
ZPY18
l
l
ZPY...
010
15
20 mm
200
100
0
°C/W
R
thA
lead length l
gzpy1_09
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com