Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY30 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # ZPY30
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY30 Datasheet(HTML) 2 Page - Vishay Siliconix

  ZPY30 Datasheet HTML 1Page - Vishay Siliconix ZPY30 Datasheet HTML 2Page - Vishay Siliconix ZPY30 Datasheet HTML 3Page - Vishay Siliconix ZPY30 Datasheet HTML 4Page - Vishay Siliconix ZPY30 Datasheet HTML 5Page - Vishay Siliconix ZPY30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
ZPY3V9 to ZPY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Jul-12
2
Document Number: 85790
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Valid provided that leads are kept at ambient temperature at a distance of 10 mm from case
(2) Tested with pulses tp = 5 ms
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PART NUMBER
ZENER VOLTAGE
RANGE (2)
TEST
CURRENT
REVERSE
VOLTAGE
DYNAMIC
RESISTANCE
f = 1 kHz
ADMISSIBLE
ZENER
CURRENT (1)
TEMPERATURE
COEFFICIENT OF ZENER
VOLTAGE
VZ at IZT1
IZT1
VR at IR
ZZ at IZT1
IZ
TCVZ at IZT1
V
mA
V
μA
mA
10-4/°C
MIN.
NOM. MAX.
TYP.
MIN.
MAX.
ZPY3V9
3.7
3.9
4.1
100
-
0.5
4 (< 7)
290
- 7
2
ZPY4V3
4
4.3
4.6
100
-
0.5
4 (< 7)
260
- 7
3
ZPY4V7
4.4
4.7
5
100
-
0.5
4 (< 7)
235
- 7
4
ZPY5V1
4.8
5.1
5.4
100
> 0.7
0.5
2 (< 5)
215
- 6
5
ZPY5V6
5.2
5.6
6
100
> 1.5
0.5
1 (< 2)
193
- 3
5
ZPY6V2
5.8
6.2
6.6
100
> 2.0
0.5
1 (< 2)
183
- 1
6
ZPY6V8
6.4
6.8
7.2
100
> 3.0
0.5
1 (< 2)
157
0
7
ZPY7V5
7
7.5
7.9
100
> 5.0
0.5
1 (< 2)
143
0
7
ZPY8V2
7.7
8.2
8.7
100
> 6.0
0.5
1 (< 2)
127
3
8
ZPY9V1
8.5
9.1
9.6
50
> 7.0
0.5
2 (< 4)
117
3
8
ZPY10
9.4
10
10.6
50
> 7.5
0.5
2 (< 4)
105
5
9
ZPY11
10.4
11
11.6
50
> 8.5
0.5
3 (< 7)
94
5
10
ZPY12
11.4
12
12.7
50
> 9.0
0.5
3 (< 7)
85
5
10
ZPY13
12.4
13
14.1
50
> 10
0.5
4 (< 9)
78
5
10
ZPY15
13.8
15
15.8
50
> 11
0.5
4 (< 9)
70
5
10
ZPY16
15.3
16
17.1
25
> 12
0.5
5 (< 10)
63
7
11
ZPY18
16.8
18
19.1
25
> 14
0.5
5 (< 11)
57
7
11
ZPY20
18.8
20
21.2
25
> 15
0.5
6 (< 12)
52
7
11
ZPY22
20.8
22
23.3
25
> 17
0.5
7 (< 13)
48
7
11
ZPY24
22.8
24
25.6
25
> 18
0.5
8 (< 14)
42
7
12
ZPY27
25.1
27
28.9
25
> 20
0.5
9 (< 15)
38
7
12
ZPY30
28
30
32
25
> 22.5
0.5
10 (< 20)
35
7
12
ZPY33
31
33
35
25
> 25
0.5
11 (< 20)
31
7
12
ZPY36
34
36
38
10
> 27
0.5
25 (< 60)
29
7
12
ZPY39
37
39
41
10
> 29
0.5
30 (< 60)
26
8
12
ZPY43
40
43
46
10
> 32
0.5
35 (< 80)
24
8
13
ZPY47
44
47
50
10
> 35
0.5
40 (< 80)
22
8
13
ZPY51
48
51
54
10
> 38
0.5
45 (< 100)
20
8
13
ZPY56
52
56
60
10
> 42
0.5
50 (< 100)
18
8
13
ZPY62
58
62
66
10
> 47
0.5
60 (< 130)
16
8
13
ZPY68
64
68
72
10
> 51
0.5
65 (< 130)
14
8
13
ZPY75
70
75
79
10
> 56
0.5
70 (< 160)
13
8
13
ZPY82
77
82
88
10
> 61
0.5
80 (< 160)
12
8
13
ZPY91
85
91
96
5
> 68
0.5
120 (< 250)
11
9
13
ZPY100
94
100
106
5
> 75
0.5
130 (< 250)
10
9
13



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com