Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZPY30 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # ZPY30
Description  Zener Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ZPY30 Datasheet(HTML) 4 Page - Vishay Siliconix

  ZPY30 Datasheet HTML 1Page - Vishay Siliconix ZPY30 Datasheet HTML 2Page - Vishay Siliconix ZPY30 Datasheet HTML 3Page - Vishay Siliconix ZPY30 Datasheet HTML 4Page - Vishay Siliconix ZPY30 Datasheet HTML 5Page - Vishay Siliconix ZPY30 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
ZPY3V9 to ZPY100
www.vishay.com
Vishay Semiconductors
Rev. 1.9, 11-Jul-12
4
Document Number: 85790
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Breakdown Characteristics
Fig. 8 - Breakdown Characteristics
Fig. 9 - Breakdown Characteristics
PACKAGE DIMENSIONS in millimeters (inches): DO-41
0
1234567
8
9
1011 121314 15 V
0
40
80
120
160
200
240
mA
I
Z
V
Z
gzpy1_01
ZPY...
T
j = 25 °C
Test Current l
Z
100 mA
50 mA
ZPY4.7
ZPY3.9
ZPY5.6
ZPY6.8
ZPY8.2
ZPY10
ZPY12
0
5
10
15
202530
35
40
45 50 V
10
20
30
40
50
60
mA
I
Z
V
Z
gzpy1_02
T
j = 25 °C
ZPY...
Test Current l
Z
25 mA
10 mA
ZPY22
ZPY18
ZPY27
ZPY33
ZPY15
ZPY39
ZPY47
0
0100
200 V
0
10
20
mA
I
Z
V
Z
gzpy1_03
50
150
Test Current l
Z
10 mA
5 mA
Tj = 25 °C
ZPY56
ZPY68
ZPY82
ZPY100
94 9368
Cathode identification
26 (1.024) min.
4.1 (0.161) max.
26 (1.024) min.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com