Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLL2_C3 Datasheet(PDF) 262 Page - Altera Corporation

Part # PLL2_C3
Description  Cyclone III Device Handbook
PDF  274 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

PLL2_C3 Datasheet(HTML) 262 Page - Altera Corporation

Back Button PLL2_C3 Datasheet HTML 258Page - Altera Corporation PLL2_C3 Datasheet HTML 259Page - Altera Corporation PLL2_C3 Datasheet HTML 260Page - Altera Corporation PLL2_C3 Datasheet HTML 261Page - Altera Corporation PLL2_C3 Datasheet HTML 262Page - Altera Corporation PLL2_C3 Datasheet HTML 263Page - Altera Corporation PLL2_C3 Datasheet HTML 264Page - Altera Corporation PLL2_C3 Datasheet HTML 265Page - Altera Corporation PLL2_C3 Datasheet HTML 266Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 274 page
background image
11–10
Chapter 11: SEU Mitigation in the Cyclone III Device Family
Recovering from CRC Errors
Cyclone III Device Handbook
December 2011
Altera Corporation
Volume 1
Recovering from CRC Errors
The system that the Altera FPGA resides in must control device reconfiguration. After
detecting an error on the CRC_ERROR pin, strobing the nCONFIG low directs the system
to perform the reconfiguration at a time when it is safe for the system to reconfigure
the FPGA.
When the data bit is rewritten with the correct value by reconfiguring the device, the
device functions correctly.
While soft errors are uncommon in Altera devices, certain high-reliability applications
might require a design to account for these errors.
Document Revision History
Table 11–9 lists the revision history for this document.
.ldsrc
(<ldsrc
source>)
Input
This signal is an input into the error detection block. If ldsrc=0, the
pre-computed CRC register is selected for loading into the 32-bit shift register
at the rising edge of clk when shiftnld=0. If ldsrc=1, the signature
register (result of the CRC calculation) is selected for loading into the shift
register at the rising edge of clk when shiftnld=0. This port is ignored
when shiftnld=1. This port is required.
.crcerror
(<crcerror
indicator
output>)
Output
This signal is the output of the cell that is synchronized to the internal
oscillator of the device (80-MHz internal oscillator) and not to the clk port. It
asserts high if the error block detects that a SRAM bit has flipped and the
internal CRC computation has shown a difference with respect to the pre-
computed value. This signal must be connected either to an output pin or a
bidirectional pin. If it is connected to an output pin, you can only monitor the
CRC_ERROR pin
(the core cannot access this output). If the CRC_ERROR
signal is used by core logic to read error detection logic, this signal must be
connected to a BIDIR pin. The signal is fed to the core indirectly by feeding a
BIDIR
pin that has its output enable port connected to VCC (Figure 11–3 on
page 11–8).
.regout
(<registered
output>)
Output
This signal is the output of the error detection shift register synchronized to
the clk port, to be read by core logic. It shifts one bit at each cycle, so you
should clock the clk signal 31 cycles to read out the 32 bits of the shift
register.
.cyclecomplete (<cyclone
complete indicator
output>)
Output
This signal is for cycloneiiils_crcblock only. This output signal is
synchronized to the internal oscillator of the device (80-MHz internal
oscillator), and not to the clk port. The signal asserts high for one clock
cyclone every time an error detection cyclone completes.
Table 11–8. CRC Block Input and Output Ports
(Part 2 of 2)
Port
Input/Output
Definition
Table 11–9. Document Revision History (Part 1 of 2)
Date
Version
Changes
December 2011
2.3
■ Updated “User Mode Error Detection” on page 11–2.
■ Update hyperlinks.
■ Minor text edits.
December 2009
2.2
Minor changes to the text.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com